Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 195 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 195 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 191Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 192Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 193Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 194Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 195Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 196Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 197Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 198Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 199Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 1504 page
background image
Section 7 Interrupt Controller
Rev. 2.00 Sep. 24, 2008 Page 163 of 1468
REJ09B0412-0200
Figure 7.6 shows a block diagram of the DTC, DMAC and interrupt controller.
Select signal
DTCER
DMRSR_0 to DMRSR_3
Select signal
IRQ
interrupt
On-chip
peripheral
module
Interrupt controller
Clear signal
Control signal
Clear signal
I, I2 to I0
Clear
signal
DTC/CPU
select
circuit
DMAC
select
circuit
DTC control
circuit
Priority
determination
DTC
DMAC
CPU
Interrupt request
Clear signal
Interrupt
request
Interrupt request
clear signal
Interrupt request
clear signal
Interrupt
request
DTC activation request
vector number
CPU interrupt request
vector number
DMAC activation request signal
Figure 7.6 Block Diagram of DTC, DMAC, and Interrupt Controller
(1)
Selection of Interrupt Sources
The activation source for each DMAC channel is selected by DMRSR. The selected activation
source is input to the DMAC through the select circuit. When transfer by an on-chip module
interrupt is enabled (DTF1 = 1, DTF0 = 0, and DTE = 1 in DMDR) and the DTA bit in DMDR is
set to 1, the interrupt source selected for the DMAC activation source is controlled by the DMAC
and cannot be used as a DTC activation source or CPU interrupt source.
Interrupt sources that are not controlled by the DMAC are set for DTC activation sources or CPU
interrupt sources by the DTCE bit in DTCERA to DTCERH of the DTC.
Specifying the DISEL bit in MRB of the DTC generates an interrupt request to the CPU by
clearing the DTCE bit to 0 after the individual DTC data transfer.
Note that when the DTC performs a predetermined number of data transfers and the transfer
counter indicates 0, an interrupt request is made to the CPU by clearing the DTCE bit to 0 after the
DTC data transfer.
When the same interrupt source is set as both the DTC and DMAC activation source and CPU
interrupt source, the DTC and DMAC must be given priority over the CPU. If the IPSETE bit in
CPUPCR is set to 1, the priority is determined according to the IPR setting. Therefore, the CPUP
setting or the IPR setting corresponding to the interrupt source must be set to lower than or equal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com