Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 203 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 203 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 199Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 200Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 201Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 202Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 203Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 204Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 205Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 206Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 207Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 1504 page
background image
Section 8 User Break Controller (UBC)
Rev. 2.00 Sep. 24, 2008 Page 171 of 1468
REJ09B0412-0200
Section 8 User Break Controller (UBC)
The user break controller (UBC) generates a UBC break interrupt request each time the state of
the program counter matches a specified break condition. The UBC break interrupt is a non-
maskable interrupt and is always accepted, regardless of the interrupt control mode and the state of
the interrupt mask bit of the CPU.
For each channel, the break control register (BRCR) and break address register (BAR) are used to
specify the break condition as a combination of address bits and type of bus cycle.
Four break conditions are independently specifiable on four channels, A to D.
8.1
Features
• Number of break channels: four (channels A, B, C, and D)
• Break comparison conditions (each channel)
 Address
 Bus master (CPU cycle)
 Bus cycle (instruction execution (PC break))
• UBC break interrupt exception handling is executed immediately before execution of the
instruction fetched from the specified address (PC break).
• Module stop state can be set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com