Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 208 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 208 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 204Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 205Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 206Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 207Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 208Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 209Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 210Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 211Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 212Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 1504 page
background image
Section 8 User Break Controller (UBC)
Rev. 2.00 Sep. 24, 2008 Page 176 of 1468
REJ09B0412-0200
8.3.3
Break Control Register n (BRCRA, BRCRB, BRCRC, BRCRD)
BRCRA, BRCRB, BRCRC, and BRCRD are used to specify and control conditions for channels
A, B, C, and D of the UBC.
Bit:
Initial Value:
R/W:
[Legend]
n = Channels A to D
15
−
0
R/W
14
−
0
R/W
13
CMFCPn
0
R/W
12
−
0
R/W
11
CPn2
0
R/W
8
−
0
R/W
10
CPn1
0
R/W
9
CPn0
0
R/W
7
−
0
R/W
6
−
0
R/W
5
IDn1
0
R/W
4
IDn0
0
R/W
3
RWn1
0
R/W
0
−
0
R/W
2
RWn0
0
R/W
1
−
0
R/W
Bit
Bit Name
Initial
Value
R/W
Description
15
14
0
0
R/W
R/W
Reserved
These bits are always read as 0. The write value
should always be 0.
13
CMFCPn
0
R/W
Condition Match CPU Flag
UBC break source flag that indicates satisfaction of a
specified CPU bus cycle condition.
0: The CPU cycle condition for channel n break
requests has not been satisfied.
1: The CPU cycle condition for channel n break
requests has been satisfied.
12
0
R/W
Reserved
These bits are always read as 0. The write value
should always be 0.
11
10
9
CPn2
CPn1
CPn0
0
0
0
R/W
R/W
R/W
CPU Cycle Select
These bits select CPU cycles as the bus cycle break
condition for the given channel.
000: Break requests will not be generated.
001: The bus cycle break condition is CPU cycles.
01x: Setting prohibited
1xx: Setting prohibited
8
7
6
0
0
0
R/W
R/W
R/W
Reserved
These bits are always read as 0. The write value
should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com