Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 219 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 219 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 215Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 216Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 217Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 218Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 219Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 220Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 221Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 222Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 223Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 1504 page
background image
Section 9 Bus Controller (BSC)
Rev. 2.00 Sep. 24, 2008 Page 187 of 1468
REJ09B0412-0200
9.2.1
Bus Width Control Register (ABWCR)
ABWCR specifies the data bus width for each area in the external address space.
Bit
Bit Name
Initial Value
R/W
15
ABWH7
1
R/W
14
ABWH6
1
R/W
13
ABWH5
1
R/W
12
ABWH4
1
R/W
11
ABWH3
1
R/W
10
ABWH2
1
R/W
9
ABWH1
1
R/W
8
ABWH0
1/0
R/W
Bit
Bit Name
Initial Value
R/W
Note: * Initial value at 16-bit bus initiation is H'FEFF, and that at 8-bit bus initiation is H'FFFF.
7
ABWL7
1
R/W
6
ABWL6
1
R/W
5
ABWL5
1
R/W
4
ABWL4
1
R/W
3
ABWL3
1
R/W
2
ABWL2
1
R/W
1
ABWL1
1
R/W
0
ABWL0
1
R/W
Bit
Bit Name
Initial
Value*
1
R/W
Description
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
ABWH7
ABWH6
ABWH5
ABWH4
ABWH3
ABWH2
ABWH1
ABWL0
ABWL7
ABWL6
ABWL5
ABWL4
ABWL3
ABWL2
ABWL1
ABWL0
1
1
1
1
1
1
1
1/0
1
1
1
1
1
1
1
1
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Area 7 to 0 Bus Width Control
These bits select whether the corresponding area is to be
designated as 8-bit access space or 16-bit access space.
ABWHn
ABWLn (n = 7 to 0)
×
0:
Setting prohibited
0
1:
Area n is designated as 16-bit
access space
1
1:
Area n is designated as 8-bit access
space*
2
[Legend]
×: Don't care
Notes: 1. Initial value at 16-bit bus initiation is H'FEFF, and that at 8-bit bus initiation is H'FFFF.
2. An address space specified as byte control SRAM interface must not be specified as 8-
bit access space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com