Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 254 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 254 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 250Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 251Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 252Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 253Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 254Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 255Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 256Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 257Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 258Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 1504 page
background image
Section 9 Bus Controller (BSC)
Rev. 2.00 Sep. 24, 2008 Page 222 of 1468
REJ09B0412-0200
For example, in an external address space access where the frequency rate of I
φ and Bφ is n : 1,
the operation is performed in synchronization with B
φ. In this case, external 2-state access space is
2n cycles and external 3-state access space is 3n cycles (no wait cycles is inserted) if the number
of access cycles is counted based on I
φ.
If the frequencies of I
φ, Pφ and Bφ are different, the start of bus cycle may not synchronize with
P
φ or Bφ according to the bus cycle initiation timing. In this case, clock synchronization cycle
(Tsy) is inserted at the beginning of each bus cycle.
For example, if an external address space access occurs when the frequency rate of I
φ and Bφ is
n : 1, 0 to n-1 cycles of Tsy may be inserted. If an internal peripheral module access occurs when
the frequency rate of I
φ and Pφ is m : 1, 0 to m-1 cycles of Tsy may be inserted.
Figure 9.6 shows the external 2-state access timing when the frequency rate of I
φ and Bφ is 4 : 1.
Figure 9.7 shows the external 3-state access timing when the frequency rate of I
φ and Bφ is 2 : 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com