Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 301 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 301 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 297Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 298Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 299Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 300Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 301Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 302Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 303Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 304Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 305Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 301 / 1504 page
background image
Section 9 Bus Controller (BSC)
Rev. 2.00 Sep. 24, 2008 Page 269 of 1468
REJ09B0412-0200
9.8.5
Wait Control
As with the basic bus interface, either program wait insertion or pin wait insertion by the
WAIT
pin can be used in the initial cycle (full access) on the burst ROM interface. See section 9.6.4,
Wait Control. Wait cycles cannot be inserted in a burst cycle.
9.8.6
Read Strobe (
RD) Timing
When the burst ROM space is read by the CPU or EXDMAC cluster transfer, the RDNCR setting
for the corresponding space is invalid.
The read strobe negation timing is the same timing as when RDNn = 0 in the basic bus interface.
9.8.7
Extension of Chip Select (
CS) Assertion Period
In the burst ROM interface, the extension cycles can be inserted in the same way as the basic bus
interface.
For the burst ROM space, the burst access can be enabled only in read access by the CPU or
EXDMAC cluster transfer. In this case, the setting of the corresponding CSXTn bit in CSACR is
ignored and an extension cycle can be inserted only before the full access cycle. Note that no
extension cycle can be inserted before or after the burst access cycles.
In accesses other than read accesses by the CPU and EXDMAC cluster transfer, the burst ROM
space is equivalent to the basic bus interface space. Accordingly, extension cycles can be inserted
before and after the burst access cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com