Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 350 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 350 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 346Page - Renesas Technology Corp M30620ECFS Datasheet HTML 347Page - Renesas Technology Corp M30620ECFS Datasheet HTML 348Page - Renesas Technology Corp M30620ECFS Datasheet HTML 349Page - Renesas Technology Corp M30620ECFS Datasheet HTML 350Page - Renesas Technology Corp M30620ECFS Datasheet HTML 351Page - Renesas Technology Corp M30620ECFS Datasheet HTML 352Page - Renesas Technology Corp M30620ECFS Datasheet HTML 353Page - Renesas Technology Corp M30620ECFS Datasheet HTML 354Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 350 / 621 page
background image
Clock-Synchronous Serial I/O
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
335
D0 D1 D2 D3
D4 D5 D6
D7
D0 D1
D2 D3 D4 D5 D6 D7
TCLK
Stopped pulsing because
transfer enable bit = “0”
Tc = TCLK = 2(n + 1) / fi
fi: frequency of BRGi count source (f1, f8, f32)
n: value set to BRGi
Transfer clock
Transmit
enable bit (TE)
Transmit
buffer empty
flag (Tl)
CLKi
TxDi
Transmit register
empty flag
(TXEPT)
“H”
“L”
“0”
“1”
“0”
“1”
“0”
“1”
CTSi
Transmit
interrupt request
bit (IR)
“0”
“1”
Cleared to “0” when interrupt request is accepted, or cleared by software
D0 D1
D2 D3
D4 D5 D6
D7
(1) Transmission enabled
(2) Confirming CTS
(3) Start transmission Tc
(4) Transmission is complete
(5) Transmit next data
Data is set to UARTi transmit buffer register
Stopped pulsing because CTSi = “H”
Shown in ( ) are bit symbols.
The above timing applies to the following settings:
• Internal clock is selected.
• CTS function is selected.
• CLK polarity select bit = “0”.
• Transmit interrupt cause select bit = “0”.
Transferred from UARTi transmit buffer register to UARTi transmit register
Example of wiring
CLKi
TXDi
CTSi
CLK
RXD
Port
Microcomputer
Receiver side IC
(Note)
Note : Since TXD2 pin is N-channel open drain,
this pin needs pull-up resistor.
Figure 2.4.7. Operation timing of transmission in clock-synchronous serial I/O mode
Example of operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com