Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 353 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 353 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 349Page - Renesas Technology Corp M30620ECFS Datasheet HTML 350Page - Renesas Technology Corp M30620ECFS Datasheet HTML 351Page - Renesas Technology Corp M30620ECFS Datasheet HTML 352Page - Renesas Technology Corp M30620ECFS Datasheet HTML 353Page - Renesas Technology Corp M30620ECFS Datasheet HTML 354Page - Renesas Technology Corp M30620ECFS Datasheet HTML 355Page - Renesas Technology Corp M30620ECFS Datasheet HTML 356Page - Renesas Technology Corp M30620ECFS Datasheet HTML 357Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 353 / 621 page
background image
Clock-Synchronous Serial I/O
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
338
2.4.3 Operation of the Serial I/O (transmission in clock-synchronous serial I/O
mode, transfer clock output from multiple pins function selected)
Note 1: This can be selected only when UART1 is used in combination with the internal clock. When this function is
_______ _______
_______ _______
selected, neither UART1 CTS/RTS function, nor UART0 CTS/RTS separation function can be utilized. Set the
_______ _______
UART1 CTS/RTS disable bit to “1”.
_______ _______
Note 2: UART0 only. (UART1 CTS/RTS function cannot be used when this function is selected.)
Note 3: UART2 only.
(1) Setting the transmit enable bit to “1” makes data transmissible status ready.
(2) When transmission data is written to the UART1 transmit buffer register, transmission data
held in the UART1 transmit buffer register is transmitted to the UART1 transmit register in
synchronization with the first falling edge of the transfer clock. At this time, the first bit of the
transmission data is transmitted from the TxD1 pin. Then the data is transmitted bit by bit
from the lower order in synchronization with the falling edges of the transfer clock.
(3) When transmission of 1-byte data is completed, the transmit register empty flag goes to “1”,
which indicates that the transmission is completed. The transfer clock stops at “H” level. At
this time, the UART1 transmit interrupt request bit goes to “1”.
(4) Setting CLK/CLKS select bit 1 to “1” and setting CLK/CLKS select bit 0 to “1” causes the
CLKS1 pin to go to the transfer clock output pin. Change the transfer clock output pin when
transmission is halted.
Operation
Item
Item
Set-up
Set-up
Transfer clock
source
CLK polarity
Internal clock (f1 / f8 / f32)
External clock (CLKi pin)
CTS function
CTS function enabled
CTS function disabled
Output transmission data at
the falling edge of the
transfer clock
Output transmission data at
the rising edge of the
transfer clock
O
O
O
Transmission
interrupt factor
Transmission buffer empty
Transmission complete
Output transfer clock
to multiple pins
(Note 1)
Not selected
Selected
CTS / RTS
separation function
(Note 2)
Pin shared by CTS and RTS
CTS and RTS separated
O
O
O
Transfer clock
LSB first
MSB first
O
Data logic select
function
(Note 3)
No reverse
Reverse
O
TXD, RXD I/O
polarity reverse bit
(Note 3)
No reverse
Reverse
O
In transmitting data in clock-synchronous serial I/O mode, choose functions from those listed in Table
2.4.2. Operations of the circled items are described below. Figure 2.4.10 shows the operation timing, and
Figures 2.4.11 and 2.4.12 show the set-up procedures.
Table 2.4.2. Choosed functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com