Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 352 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 352 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 348Page - Renesas Technology Corp M30620ECFS Datasheet HTML 349Page - Renesas Technology Corp M30620ECFS Datasheet HTML 350Page - Renesas Technology Corp M30620ECFS Datasheet HTML 351Page - Renesas Technology Corp M30620ECFS Datasheet HTML 352Page - Renesas Technology Corp M30620ECFS Datasheet HTML 353Page - Renesas Technology Corp M30620ECFS Datasheet HTML 354Page - Renesas Technology Corp M30620ECFS Datasheet HTML 355Page - Renesas Technology Corp M30620ECFS Datasheet HTML 356Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 352 / 621 page
background image
Clock-Synchronous Serial I/O
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
337
Start transmission
When CTSi input level = “L”
Setting UARTi bit rate generator (i = 0 to 2)
UARTi bit rate generator (i = 0 to 2) [Address 03A116, 03A916, 037916]
UiBRG (i = 0 to 2)
Can be set to 0016 to FF16 (Note)
b7
b0
Note: Write to UARTi bit rate generator when transmission/reception is halted.
Transmission is complete
Continued from the previous page
UART0 transmit/receive control register 1
U0C1 [Address 03A516]
UART1 transmit/receive control register 1
U1C1 [Address 03AD16]
Transmit enable bit
1 : Transmission enabled
b7
b0
1
Transmission enabled
UART2 transmit/receive control register 1
U2C1 [Address 037D16]
Transmit enable bit
1 : Transmission enabled
b7
b0
1
Writing transmit data
UART0 transmit buffer register [Address 03A316, 03A216] U0TB
UART1 transmit buffer register [Address 03AB16, 03AA16] U1TB
UART2 transmit buffer register [Address 037B16, 037A16] U2TB
Setting transmission data
b7
b0 b7
b0
(b15)
(b8)
UART0 transmit/receive control register 1
U0C1 [Address 03A516]
UART1 transmit/receive control register 1
U1C1 [Address 03AD16]
b7
b0
Transmit buffer empty flag
0 : Data present in transmit
buffer register
1 : No data present in transmit
buffer register
(Writing next transmit data enabled)
Checking the status of UARTi transmit /receive control register (i = 0 to 2)
UART2 transmit/receive control register 1
U2C1 [Address 037D16]
b7
b0
Transmit buffer empty flag
0 : Data present in transmit
buffer register
1 : No data present in transmit
buffer register
(Writing next transmit data enabled)
Writing next transmit data
UART0 transmit buffer register [Address 03A316, 03A216] U0TB
UART1 transmit buffer register [Address 03AB16, 03AA16] U1TB
UART2 transmit buffer register [Address 037B16, 037A16] U2TB
Setting transmission data
b7
b0 b7
b0
(b15)
(b8)
Figure 2.4.9. Set-up procedure of transmission in clock-synchronous serial I/O mode (2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com