Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 383 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 383 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 379Page - Renesas Technology Corp M30620ECFS Datasheet HTML 380Page - Renesas Technology Corp M30620ECFS Datasheet HTML 381Page - Renesas Technology Corp M30620ECFS Datasheet HTML 382Page - Renesas Technology Corp M30620ECFS Datasheet HTML 383Page - Renesas Technology Corp M30620ECFS Datasheet HTML 384Page - Renesas Technology Corp M30620ECFS Datasheet HTML 385Page - Renesas Technology Corp M30620ECFS Datasheet HTML 386Page - Renesas Technology Corp M30620ECFS Datasheet HTML 387Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 383 / 621 page
background image
SIM interface
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
368
Figure 2.5.15. Set-up procedure of transmission in UART mode (used for SIM interface) (1)
Setting UART2 transmit/receive control register 0
UART2 transmit/receive control register 0 [Address 037C16]
U2C0
Must be fixed to “0” in UART mode
b7
b0
1
00
BRG count source select bit
0 0 : f1 is selected
0 1 : f8 is selected
1 0 : f32 is selected
1 1 : Inhibited
b1 b0
Valid when bit 4 = “0”
CTS/RTS disable bit
1 : CTS/RTS function disabled
Transmit register empty flag
0 : Data present in transmit register (during transmission)
1 : No data present in transmit register (transmission completed)
Transfer format select bit
Must be “0” (LSB first) in direct format
Continued to the next page
Must be fixed to “0” in UART mode
Setting UART2 transmit/receive mode register
UARTi transmit/receive mode register [Address 037816]
U2MR
Stop bit length select bit
0 : One stop bit
b7
b0
01
01
0
Odd/even parity select bit (Valid when bit 6 = “1”)
Must be “1” (even parity) in direct format
Parity enable bit
1 : Parity enabled
TXD, RXD I/O polarity reverse bit
Usually set to “0”
Serial I/O mode select bit
1 0 1 : Transfer data 8 bits long
b2 b1 b0
01 1
Setting UART2 transmit/receive control register 1
UART2 transmit/receive control register 1 [Address 037D16]
U2C1
UART2 transmit interrupt cause select bit
1 : Transmission completed (TXEPT = 1)
Error signal output enable bit
1 : Output enabled
b7
b0
0
Invalid in UART mode
Data logic select bit
Must be “0” (no reverse) in direct format
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com