Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 381 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 381 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 377Page - Renesas Technology Corp M30620ECFS Datasheet HTML 378Page - Renesas Technology Corp M30620ECFS Datasheet HTML 379Page - Renesas Technology Corp M30620ECFS Datasheet HTML 380Page - Renesas Technology Corp M30620ECFS Datasheet HTML 381Page - Renesas Technology Corp M30620ECFS Datasheet HTML 382Page - Renesas Technology Corp M30620ECFS Datasheet HTML 383Page - Renesas Technology Corp M30620ECFS Datasheet HTML 384Page - Renesas Technology Corp M30620ECFS Datasheet HTML 385Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 381 / 621 page
background image
SIM interface
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
366
In transmitting data in UART mode (used for SIM interface), choose functions from those listed in Table
2.5.6. Operations of the circled items are described below. Figure 2.5.14 shows the operation timing, and
Figures 2.5.15 and 2.5.16 show the set-up procedures.
2.5.4 Operation of Serial I/O (transmission used for SIM interface)
Table 2.5.6. Choosed functions
Item
Set-up
Transfer data
format
Direct format
Inverse format
O
(1) Setting the transmit enable bit and receive enable bit to “1” and writing transmission data to
the UART2 transmit buffer register readies the data transmissible status. Set UART2 transfer
interrupt is enabled.
(2) Transmission data held in the UART2 transmit buffer register is transmitted to the UART2
transmit register. At this time, the first bit (the start bit) of the transmission data is transmitted
from the TxD2 pin. Then, data is transmitted, bit by bit, in sequence: LSB, ····, MSB, parity bit,
and stop bit(s).
(3) When the stop bit(s) is (are) transmitted, the transmit register empty flag goes to “1”, which
indicates that transmission is completed. At this time, the UART2 transmit interrupt request
bit goes to “1”. The transfer clock stops at “H” level.
(4) If the transmission condition of the next data is ready when transmission is completed, a start
bit is generated following to stop bit(s), and the next data is transmitted.
(5) If a parity error occurs, an L is output from the SIM card, and the RxD2 terminal turns to the
"L" level. Check the RxD2 terminal's level within the UART2 transmission interrupt routine,
and if it is found to be at the "L" level, then handle the error.
• The parity error level is determined within a UART2 transmission interrupt. When a transmis-
sion interrupt request occurs, set the priority level of the transmission interrupt higher than
those of other interrupts so that the interrupt routine can be immediately carried out. Either in
the main routine or in an interrupt routine, the interrupt inhibition time has to be made as short
as possible.
• Set the RxD2 terminal's direction register to input.
Operation
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com