Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 378 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 378 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 374Page - Renesas Technology Corp M30620ECFS Datasheet HTML 375Page - Renesas Technology Corp M30620ECFS Datasheet HTML 376Page - Renesas Technology Corp M30620ECFS Datasheet HTML 377Page - Renesas Technology Corp M30620ECFS Datasheet HTML 378Page - Renesas Technology Corp M30620ECFS Datasheet HTML 379Page - Renesas Technology Corp M30620ECFS Datasheet HTML 380Page - Renesas Technology Corp M30620ECFS Datasheet HTML 381Page - Renesas Technology Corp M30620ECFS Datasheet HTML 382Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 378 / 621 page
background image
UART
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
363
Example of wiring
Example of operation
RXDi
RTSi
TXD
Port
Microcomputer
Transmitter side IC
D0
D1
D7
Start bit
Reception started when transfer
clock is generated by falling edge
of start bit
Sampled “L”
Receive data taken in
BRGi's count
source
Receive enable
bit (RE)
RxDi
Transfer clock
Receive
complete flag
(RI)
RTSi
Stop bit
“1”
“0”
“0”
“1”
“H”
“L”
Timing of transfer data 8 bits long applies to the following settings :
•Transfer data length is 8 bits.
•Parity is disabled.
•One stop bit
•RTS function is selected.
Receive interrupt
request bit
(IR)
“0”
“1”
Cleared to “0” when interrupt request is accepted, or cleared by software
Transferred from UARTi receive register
to UARTi receive buffer register
(1) Reception enabled
(2) Start reception
(4) Data is
read
(3) Receiving is
completed
Figure 2.5.11. Operation timing of reception in UART mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com