Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 374 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 374 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 370Page - Renesas Technology Corp M30620ECFS Datasheet HTML 371Page - Renesas Technology Corp M30620ECFS Datasheet HTML 372Page - Renesas Technology Corp M30620ECFS Datasheet HTML 373Page - Renesas Technology Corp M30620ECFS Datasheet HTML 374Page - Renesas Technology Corp M30620ECFS Datasheet HTML 375Page - Renesas Technology Corp M30620ECFS Datasheet HTML 376Page - Renesas Technology Corp M30620ECFS Datasheet HTML 377Page - Renesas Technology Corp M30620ECFS Datasheet HTML 378Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 374 / 621 page
background image
UART
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
359
Example of wiring
Example of operation
TXDi
CTSi
RXD
Port
Microcomputer
Receiver side IC
(Note)
Note: Since TXD2 pin is N-channel open drain,
this pin needs pull-up resistor.
Transmit
enable bit (TE)
Transmit buffer
empty flag (Tl)
Transmit
register empty
flag (TXEPT)
D0 D1
D2 D3 D4 D5 D6 D7
ST
P
Start
bit
Parity
bit
TxDi
CTSi
“0”
“1”
“0”
“1”
“L”
“H”
“0”
“1”
Transmit
interrupt request
bit (IR)
“0”
“1”
Cleared to “0” when interrupt request is accepted, or cleared by software
D0 D1 D2 D3
D4 D5 D6
D7
ST
P
SP
D0 D1
ST
Shown in ( ) are bit symbols.
SP
Stopped pulsing because transfer enable bit = “0”
Stop
bit
Data is set in UARTi transmit buffer register
Transferred from UARTi transmit buffer register to UARTi transmit register
Tc
Transfer clock
When confirming stop bit, stopped transfer clock once because CTS = “H”
Started transfer clock again to start transmitting immediately after confirming CTS = “L”
(1) Transmission enabled
(2) Confirme CTS
(3) Start transmission
(4) Confirme stop bit
(5) Start transmission
The above timing applies to the following settings :
• Parity is enabled.
• One stop bit.
• CTS function is selected.
• Transmit interrupt cause select bit = “1”.
Tc = 16 (n + 1) / fi or 16 (n + 1) / fEXT
fi : frequency of BRGi count source (f1, f8, f32)
fEXT : frequency of BRGi count source (external clock)
n : value set to BRGi
Figure 2.5.8. Operation timing of transmission in UART mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com