Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 377 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 377 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 373Page - Renesas Technology Corp M30620ECFS Datasheet HTML 374Page - Renesas Technology Corp M30620ECFS Datasheet HTML 375Page - Renesas Technology Corp M30620ECFS Datasheet HTML 376Page - Renesas Technology Corp M30620ECFS Datasheet HTML 377Page - Renesas Technology Corp M30620ECFS Datasheet HTML 378Page - Renesas Technology Corp M30620ECFS Datasheet HTML 379Page - Renesas Technology Corp M30620ECFS Datasheet HTML 380Page - Renesas Technology Corp M30620ECFS Datasheet HTML 381Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 377 / 621 page
background image
UART
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
362
In receiving data in UART mode, choose functions from those listed in Table 2.5.5. Operations of the
circled items are described below. Figure 2.5.11 shows the operation timing, and Figures 2.5.12 and
2.5.13 show the set-up procedures.
2.5.3 Operation of Serial I/O (reception in UART mode)
Table 2.5.5. Choosed functions
Item
Set-up
Transfer clock
source
(Note 2)
Internal clock (f1 / f8 / f32)
External clock (CLKi pin)
RTS function
RTS function enabled
RTS function disabled
O
O
CTS / RTS
separation function
(Note 1)
Pin shared by CTS and RTS
CTS and RTS separate
O
Sleep mode
(Note 2)
Sleep mode off
Sleep mode selected
O
Item
Set-up
Data logic select
function
(Note 3)
No reverse
Reverse
O
TXD, RXD I/O
polarity reverse bit
(Note 3)
No reverse
Reverse
O
Bus collision
detection function
(Note 3)
O
Not selected
Selected
_______ ________
Note 1: UART0 only. (UART1 CTS/RTS function cannot be used when this function is selected.)
Note 2: UART0, UART1 only.
Note 3: UART2 only.
(1) Setting the receive enable bit to “1” readies data-receivable status. At this time, output from
________
the RTSi pin goes to “L” level to inform the transmission side that the receivable status is
ready.
(2) When the first bit (the start bit) of reception data is received from the RxDi pin, output from the
_______
RTS goes to “H” level. Then, data is received, bit by bit, in sequence: LSB, ····, MSB, and stop
bit(s).
(3) When the stop bit(s) is (are) received, the content of the UARTi receive register is transmitted
to the UARTi receive buffer register.
At this time, the receive complete flag goes to “1” to indicate that the reception is completed, the
_______
UARTi receive interrupt request bit goes to “1”, and output from the RTS pin goes to “L” level.
(4) The receive complete flag goes to “0” when the lower-order byte of the UARTi buffer register
is read.
Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com