Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 375 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 375 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 371Page - Renesas Technology Corp M30620ECFS Datasheet HTML 372Page - Renesas Technology Corp M30620ECFS Datasheet HTML 373Page - Renesas Technology Corp M30620ECFS Datasheet HTML 374Page - Renesas Technology Corp M30620ECFS Datasheet HTML 375Page - Renesas Technology Corp M30620ECFS Datasheet HTML 376Page - Renesas Technology Corp M30620ECFS Datasheet HTML 377Page - Renesas Technology Corp M30620ECFS Datasheet HTML 378Page - Renesas Technology Corp M30620ECFS Datasheet HTML 379Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 375 / 621 page
background image
UART
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
360
Figure 2.5.9. Set-up procedure of transmission in UART mode (1)
Continued to the next page
Stop bit length select bit
0 : One stop bit
Parity enable bit
1 : Parity enabled
Setting UARTi transmit/receive mode register (i=0 to 2)
Internal/external clock select bit
0 : Internal clock
Stop bit length select bit
0 : One stop bit
b7
b0
01
01
0
Odd/even parity select bit (Valid when bit 6 = “1”)
0 : Odd parity
Parity enable bit
1 : Parity enabled
Sleep select bit
0 : Invalid
Serial I/O mode select bit
1 0 1 : Transfer data 8 bits long
b2 b1 b0
0
1
0
UART0 transmit/receive mode register
U0MR [Address 03A016]
UART1 transmit/receive mode register
U1MR [Address 03A816]
Must be fixed “0” in UART mode
b7
b0
01
01
0
Odd/even parity select bit (Valid when bit 6 = “1”)
0 : Odd parity
TXD, RXD I/O polarity reverse bit
Usually set to “0”
Serial I/O mode select bit
1 0 1 : Transfer data 8 bits long
b2 b1 b0
0
1
0
UART2 transmit/receive mode register
U2MR [Address 037816]
Setting UARTi transmit/receive control register 0 (i = 0 to 2)
UART0 transmit/receive control register 0
U0C0 [Address 03A416]
UART1 transmit/receive control register 0
U1C0 [Address 03AC16]
Must be “0” in UART mode
b7
b0
00
00
BRG count source select bit
0 0 : f1 is selected
0 1 : f8 is selected
1 0 : f32 is selected
1 1 : Inhibited
b1 b0
CTS/RTS function select bit (Valid when bit 4 = “0”)
0 : CTS function is selected
Data output select bit
0 : TxDi pin is CMOS output
1 : TxDi pin is N-channel open-drain output
CTS/RTS disable bit
0 : CTS/RTS function enabled
Transmit register empty flag
0 : Data present in transmit register
(during transmission)
1 : No data present in transmit register
(transmission completed)
Must be “0” in UART mode
UART2 transmit/receive control register 0
U2C0 [Address 037C16]
Must be fixed “0” in UART mode
b7
b0
00
00
BRG count source select bit
0 0 : f1 is selected
0 1 : f8 is selected
1 0 : f32 is selected
1 1 : Inhibited
b1 b0
CTS/RTS function select bit (Valid when bit 4 = “0”)
0 : CTS function is selected
CTS/RTS disable bit
0 : CTS/RTS function enabled
Transmit register empty flag
0 : Data present in transmit register
(during transmission)
1 : No data present in transmit register
(transmission completed)
Transfer format select bit
0 : LSB first
Setting UART transmit/receive control register 2 and UART2 transmit/receive control register 1
UART2transmit/receive control register 1
UCON [Address 037D16]
UART0 transmit interrupt cause select bit
1 : Transmission completed (TXEPT = 1)
Data logic select bit
0 : No reverse
Error signal output enable bit
0 : output enabled
Invalid in UART mode
UART transmit/receive control register 2
UCON [Address 03B016]
UART0 transmit interrupt cause select bit
1 : Transmission completed (TXEPT = 1)
Must be “0” in UART mode
UART1 transmit interrupt cause select bit
1 : Transmission completed (TXEPT = 1)
Invalid in UART mode
Invalid in UART mode
Invalid in UART mode
Separate CTS/RTS bit
0 : CTS/RTS shared pin
00
b7
b0
0
0
b7
b0
Stop bit length select bit
0 : One stop bit
Parity enable bit
1 : Parity enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com