Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 382 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 382 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 378Page - Renesas Technology Corp M30620ECFS Datasheet HTML 379Page - Renesas Technology Corp M30620ECFS Datasheet HTML 380Page - Renesas Technology Corp M30620ECFS Datasheet HTML 381Page - Renesas Technology Corp M30620ECFS Datasheet HTML 382Page - Renesas Technology Corp M30620ECFS Datasheet HTML 383Page - Renesas Technology Corp M30620ECFS Datasheet HTML 384Page - Renesas Technology Corp M30620ECFS Datasheet HTML 385Page - Renesas Technology Corp M30620ECFS Datasheet HTML 386Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 382 / 621 page
background image
SIM interface
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
367
Example of wiring
Figure 2.5.14. Operation timing of transmission in UART mode (used for SIM interface)
Example of operation (when direct format)
Microcomputer
SIM card
TxD2
RxD2
Transmit
enable bit (TE)
Transmit buffer
empty flag (Tl)
Transmit buffer
empty flag
(TEXPT)
D0 D1
D2 D3 D4 D5 D6 D7
ST
P
Start
bit
Parity
bit
The above timing applies to the following settings :
• Parity is enabled.
• One stop bit.
• Transmit interrupt cause select bit = “1”.
“0”
“1”
“0”
“1”
“0”
“1”
Tc = 16 (n + 1) / fi
fi : frequency of BRG2 count source (f1, f8, f32)
n : value set to BRG2
Transmit
interrupt request
bit (IR)
“0”
“1”
Cleared to “0” when interrupt request is accepted, or cleared by software
D0 D1 D2 D3
D4 D5 D6
D7
ST
P
SP
Shown in ( ) are bit symbols.
Tc
Transfer clock
SP
Stop
bit
Since a parity error occurred, the
“L” level returns from TxD2
Detects the level
using an interrupt
routine
Detects the level
using an interrupt
routine
D0 D1
D2 D3 D4 D5 D6 D7
ST
P
D0 D1 D2 D3
D4 D5 D6
D7
ST
P
SP
TXD2 (Note 2)
RXD2 (Note 2)
Signal line level
(Note 2)
(1) Transmission enabled
(2) Start transmission
(3) Confirme stop bit
(4) Start transmission
(5) Dispose
parity error
Note 1: The transmit is started with overflow timing of BRG after having written in a value at the transmit buffer in the above timing.
Note 2: TxD2 and RxD2 are connected in the manner of wired OR as shown in the connection diagram. So TxD2 and RxD2 ought to
become the same signal from the logical standpoint, but the output signals turn complex, so they are shown separately. Also,
the signal level resulting from connecting TxD2 and RxD2 is shown as a signal line level.
Transferred from UART2 transmit buffer register to UART2 transmit register
Data is set in UART2 transmit buffer register
SP
(Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com