Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 143 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 143 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 139Page - Renesas Technology Corp M30620ECFS Datasheet HTML 140Page - Renesas Technology Corp M30620ECFS Datasheet HTML 141Page - Renesas Technology Corp M30620ECFS Datasheet HTML 142Page - Renesas Technology Corp M30620ECFS Datasheet HTML 143Page - Renesas Technology Corp M30620ECFS Datasheet HTML 144Page - Renesas Technology Corp M30620ECFS Datasheet HTML 145Page - Renesas Technology Corp M30620ECFS Datasheet HTML 146Page - Renesas Technology Corp M30620ECFS Datasheet HTML 147Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 621 page
background image
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Clock synchronous serial I/O mode
128
(c) Transfer clock output from multiple pins function (UART1)
This function allows the setting two transfer clock output pins and choosing one of the two to output a
clock by using the CLK and CLKS select bit (bits 4 and 5 at address 03B016). (See Figure 1.19.13.)
The multiple pins function is valid only when the internal clock is selected for UART1. Note that when
_______ _______
this function is selected, UART1 CTS/RTS function cannot be used.
Figure 1.19.13. The transfer clock output from the multiple pins function usage
Microcomputer
TXD1 (P67)
CLKS1 (P64)
CLK1 (P65)
IN
CLK
IN
CLK
Note: This applies when the internal clock is selected and transmission
is performed only in clock synchronous serial I/O mode.
(d) Continuous receive mode
If the continuous receive mode enable bit (bits 2 and 3 at address 03B016, bit 5 at address 037D16) is
set to “1”, the unit is placed in continuous receive mode. In this mode, when the receive buffer register
is read out, the unit simultaneously goes to a receive enable state without having to set dummy data to
the transmit buffer register back again.
_______ _______
(e) Separate CTS/RTS pins function (UART0)
This function works the same way as in the clock asynchronous serial I/O (UART) mode. The method
of setting and the input/output pin functions are both the same, so refer to select function in the next
section, “(2) Clock asynchronous serial I/O (UART) mode”. Note that this function is invalid if the
transfer clock output from the multiple pins function is selected.
(f) Serial data logic switch function (UART2)
When the data logic select bit (bit6 at address 037D16) = “1”, and writing to transmit buffer register or
reading from receive buffer register, data is reversed. Figure 1.19.14 shows the example of serial data
logic switch timing.
Figure 1.19.14. Serial data logic switch timing
D0
D1
D2
D3
D4
D5
D6
D7
D0
D1
D2
D3
D4
D5
D6
D7
Transfer clock
TxD2
(no reverse)
TxD2
(reverse)
“H”
“L”
“H”
“L”
“H”
“L”
•When LSB first



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com