Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 146 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 146 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 142Page - Renesas Technology Corp M30620ECFS Datasheet HTML 143Page - Renesas Technology Corp M30620ECFS Datasheet HTML 144Page - Renesas Technology Corp M30620ECFS Datasheet HTML 145Page - Renesas Technology Corp M30620ECFS Datasheet HTML 146Page - Renesas Technology Corp M30620ECFS Datasheet HTML 147Page - Renesas Technology Corp M30620ECFS Datasheet HTML 148Page - Renesas Technology Corp M30620ECFS Datasheet HTML 149Page - Renesas Technology Corp M30620ECFS Datasheet HTML 150Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 621 page
background image
Clock asynchronous serial I/O (UART) mode
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
131
Figure 1.19.15. UARTi transmit/receive mode register in UART mode
Symbol
Address
When reset
UiMR(i=0,1)
03A016, 03A816
0016
CKDIR
UARTi transmit / receive mode registers
Internal / external clock
select bit
STPS
PRY
PRYE
SLEP
0 : Internal clock
1 : External clock (Note)
Bit name
Function
Bit symbol
W
R
b7
b6
b5
b4
b3
b2
b1
b0
SMD0
SMD1
SMD2
Serial I/O mode select bit
b2 b1 b0
0 : One stop bit
1 : Two stop bits
0 : Parity disabled
1 : Parity enabled
0 : Sleep mode deselected
1 : Sleep mode selected
1 0 0 : Transfer data 7 bits long
1 0 1 : Transfer data 8 bits long
1 1 0 : Transfer data 9 bits long
Valid when bit 6 = “1”
0 : Odd parity
1 : Even parity
Stop bit length select bit
Odd / even parity
select bit
Parity enable bit
Sleep select bit
Symbol
Address
When reset
U2MR
037816
0016
CKDIR
UART2 transmit / receive mode register
Internal / external clock
select bit
STPS
PRY
PRYE
IOPOL
Must always be fixed to “0”
Bit name
Function
Bit symbol
W
R
b7
b6
b5
b4
b3
b2
b1
b0
SMD0
SMD1
SMD2
Serial I/O mode select bit
b2 b1 b0
0 : One stop bit
1 : Two stop bits
0 : Parity disabled
1 : Parity enabled
0 : No reverse
1 : Reverse
1 0 0 : Transfer data 7 bits long
1 0 1 : Transfer data 8 bits long
1 1 0 : Transfer data 9 bits long
Valid when bit 6 = “1”
0 : Odd parity
1 : Even parity
Stop bit length select bit
Odd / even parity
select bit
Parity enable bit
TxD, RxD I/O polarity
reverse bit (Note)
Note: Usually set to “0”.
Note : Set the corresponding port direction register to “0”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com