Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 149 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 149 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 145Page - Renesas Technology Corp M30620ECFS Datasheet HTML 146Page - Renesas Technology Corp M30620ECFS Datasheet HTML 147Page - Renesas Technology Corp M30620ECFS Datasheet HTML 148Page - Renesas Technology Corp M30620ECFS Datasheet HTML 149Page - Renesas Technology Corp M30620ECFS Datasheet HTML 150Page - Renesas Technology Corp M30620ECFS Datasheet HTML 151Page - Renesas Technology Corp M30620ECFS Datasheet HTML 152Page - Renesas Technology Corp M30620ECFS Datasheet HTML 153Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 621 page
background image
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Clock asynchronous serial I/O (UART) mode
134
Figure 1.19.17. Typical transmit timings in UART mode(UART2)
D0
D1
D2
D3
D4
D5
D6
D7
ST
P
Start
bit
Parity
bit
Cleared to “0” when interrupt request is accepted, or cleared by software
D0
D1
D2
D3
D4
D5
D6
D7
ST
P
Tc
SP
Stop
bit
Data is set in UART2 transmit buffer register
Transferred from UART2 transmit buffer register to UARTi transmit register
SP
Transmit enable
bit(TE)
Transmit buffer
empty flag(TI)
Transmit register
empty flag (TXEPT)
“0”
“1”
“0”
“1”
“0”
“1”
Transmit interrupt
request bit (IR)
“0”
“1”
Transfer clock
TxD2
The above timing applies to the following settings :
• Parity is enabled.
• One stop bit.
• Transmit interrupt cause select bit = “1”.
Tc = 16 (n + 1) / fi
fi : frequency of BRG2 count source (f1, f8, f32)
n : value set to BRG2
Shown in ( ) are bit symbols.
Note
Note: The transmit is started with overflow timing of BRG after having written in a value at the transmit buffer in the above timing.
• Example of transmit timing when transfer data is 8 bits long (parity enabled, one stop bit)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com