Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 151 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 151 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 147Page - Renesas Technology Corp M30620ECFS Datasheet HTML 148Page - Renesas Technology Corp M30620ECFS Datasheet HTML 149Page - Renesas Technology Corp M30620ECFS Datasheet HTML 150Page - Renesas Technology Corp M30620ECFS Datasheet HTML 151Page - Renesas Technology Corp M30620ECFS Datasheet HTML 152Page - Renesas Technology Corp M30620ECFS Datasheet HTML 153Page - Renesas Technology Corp M30620ECFS Datasheet HTML 154Page - Renesas Technology Corp M30620ECFS Datasheet HTML 155Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 621 page
background image
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Clock asynchronous serial I/O (UART) mode
136
(c) Function for switching serial data logic (UART2)
When the data logic select bit (bit 6 of address 037D16) is assigned 1, data is inverted in writing to the
transmission buffer register or reading the reception buffer register. Figure 1.19.20 shows the ex-
ample of timing for switching serial data logic.
Figure 1.19.20. Timing for switching serial data logic
ST : Start bit
P : Even parity
SP : Stop bit
D0
D1
D2
D3
D4
D5
D6
D7
P
SP
ST
SP
ST
D3
D4
D5
D6
D7
P
D0
D1
D2
Transfer clock
TxD2
(no reverse)
TxD2
(reverse)
“H”
“L”
“H”
“L”
“H”
“L”
• When LSB first, parity enabled, one stop bit
(d) TxD, RxD I/O polarity reverse function (UART2)
This function is to reverse TXD pin output and RXD pin input. The level of any data to be input or output
(including the start bit, stop bit(s), and parity bit) is reversed. Set this function to “0” (not to reverse) for
usual use.
(e) Bus collision detection function (UART2)
This function is to sample the output level of the TXD pin and the input level of the RXD pin at the rising
edge of the transfer clock; if their values are different, then an interrupt request occurs. Figure 1.19.21
shows the example of detection timing of a buss collision (in UART mode).
Figure 1.19.21. Detection timing of a bus collision (in UART mode)
ST : Start bit
SP : Stop bit
ST
ST
SP
SP
Transfer clock
TxD2
RxD2
Bus collision detection
interrupt request signal
“H”
“L”
“H”
“L”
“H”
“L”
“1”
“0”
Bus collision detection
interrupt request bit
“1”
“0”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com