Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 154 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 154 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 150Page - Renesas Technology Corp M30620ECFS Datasheet HTML 151Page - Renesas Technology Corp M30620ECFS Datasheet HTML 152Page - Renesas Technology Corp M30620ECFS Datasheet HTML 153Page - Renesas Technology Corp M30620ECFS Datasheet HTML 154Page - Renesas Technology Corp M30620ECFS Datasheet HTML 155Page - Renesas Technology Corp M30620ECFS Datasheet HTML 156Page - Renesas Technology Corp M30620ECFS Datasheet HTML 157Page - Renesas Technology Corp M30620ECFS Datasheet HTML 158Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 621 page
background image
Clock asynchronous serial I/O (UART) mode
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
139
(a) Function for outputting a parity error signal
With the error signal output enable bit (bit 7 of address 037D16) assigned “1”, you can output an “L”
level from the TxD2 pin when a parity error is detected. In step with this function, the generation timing
of a transmission completion interrupt changes to the detection timing of a parity error signal. Figure
1.19.23 shows the output timing of the parity error signal.
Figure 1.19.23. Output timing of the parity error signal
ST : Start bit
P : Even Parity
SP : Stop bit
D0
D1
D2
D3
D4
D5
D6
D7
P
SP
ST
Hi-Z
Transfer
clock
RxD2
TxD2
Receive
complete flag
“H”
“L”
“H”
“L”
“H”
“L”
“1”
• LSB first
“0”
(b) Direct format/inverse format
Connecting the SIM card allows you to switch between direct format and inverse format. If you choose
the direct format, D0 data is output from TxD2. If you choose the inverse format, D7 data is inverted
and output from TxD2.
Figure 1.19.24 shows the SIM interface format.
Figure 1.19.24. SIM interface format
P : Even parity
D0
D1
D2
D3
D4
D5
D6
D7
P
Transfer
clcck
TxD2
(direct)
TxD2
(inverse)
D7
D6
D5
D4
D3
D2
D1
D0
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com