Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 156 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 156 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 152Page - Renesas Technology Corp M30620ECFS Datasheet HTML 153Page - Renesas Technology Corp M30620ECFS Datasheet HTML 154Page - Renesas Technology Corp M30620ECFS Datasheet HTML 155Page - Renesas Technology Corp M30620ECFS Datasheet HTML 156Page - Renesas Technology Corp M30620ECFS Datasheet HTML 157Page - Renesas Technology Corp M30620ECFS Datasheet HTML 158Page - Renesas Technology Corp M30620ECFS Datasheet HTML 159Page - Renesas Technology Corp M30620ECFS Datasheet HTML 160Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 621 page
background image
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
UART2 Special Mode Register
141
UART2 Special Mode Register
The UART2 special mode register (address 037716) is used to control UART2 in various ways.
Figure 1.19.26 shows the UART2 special mode register.
UART2 special mode register
Symbol
Address
When reset
U2SMR
037716
0016
b7
b6 b5
b4
b3
b2
b1
b0
Bit name
Bit
symbol
W
R
Function
(During UART mode)
Function
(During clock synchronous
serial I/O mode)
ABSCS
ACSE
SSS
I C mode selection bit
Bus busy flag
0 : STOP condition detected
1 : START condition detected
SCLL sync output
enable bit
Bus collision detect
sampling clock select bit
Arbitration lost detecting
flag control bit
0 : Normal mode
1 : I C mode
0 : Update per bit
1 : Update per byte
IICM
ABC
BBS
LSYN
0 : Ordinary
1 : Falling edge of RxD2
0 : Disabled
1 : Enabled
Transmit start condition
select bit
Must always be “0”
0 : Rising edge of transfer
clock
1 : Underflow signal of timer A0
Auto clear function
select bit of transmit
enable bit
0 : No auto clear function
1 : Auto clear at occurrence of
bus collision
Must always be “0”
Must always be “0”
Must always be “0”
Must always be “0”
Must always be “0”
Must always be “0”
Note: Nothing but "0" may be written.
(Note)
2
2
Reserved bit
Always set to “0”
0
Figure 1.19.26. UART2 special mode register
Function
Normal mode
I2C mode (Note 1)
Factor of interrupt number 15 (Note 2)
UART2 transmission
No acknowledgment detection (NACK)
Factor of interrupt number 16 (Note 2)
UART2 reception
Start condition detection or stop
condition detection
UART2 transmission output delay
Not delayed
Delayed
P70 at the time when UART2 is in use
TxD2 (output)
SDA (input/output) (Note 3)
P71 at the time when UART2 is in use
RxD2 (input)
SCL (input/output)
P72 at the time when UART2 is in use
CLK2
P72
DMA1 factor at the time when 1 1 0 1 is assigned
to the DMA request factor selection bits
UART2 reception
Acknowledgment detection (ACK)
Noise filter width
15ns
50ns
Reading P71
Reading the terminal when 0 is
assigned to the direction register
Reading the terminal regardless of the
value of the direction register
1
2
3
4
5
6
7
8
9
Note 1: Make the settings given below when I2C mode is in use.
Set 0 1 0 in bits 2, 1, 0 of the UART2 transmission/reception mode register.
Disable the RTS/CTS function. Choose the MSB First function.
Note 2: Follow the steps given below to switch from a factor to another.
1. Disable the interrupt of the corresponding number.
2. Switch from a factor to another.
3. Reset the interrupt request flag of the corresponding number.
4. Set an interrupt level of the corresponding number.
Note 3: Set an initial value of SDA transmission output when serial I/O is invalid.
Factor of interrupt number 10 (Note 2)
Bus collision detection
Acknowledgment detection (ACK)
10
Initial value of UART2 output
H level (when 0 is assigned to
the CLK polarity select bit)
The value set in latch P70 when the port is
selected
11
Table 1.19.9. Features in I2C mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com