Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 152 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 152 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 148Page - Renesas Technology Corp M30620ECFS Datasheet HTML 149Page - Renesas Technology Corp M30620ECFS Datasheet HTML 150Page - Renesas Technology Corp M30620ECFS Datasheet HTML 151Page - Renesas Technology Corp M30620ECFS Datasheet HTML 152Page - Renesas Technology Corp M30620ECFS Datasheet HTML 153Page - Renesas Technology Corp M30620ECFS Datasheet HTML 154Page - Renesas Technology Corp M30620ECFS Datasheet HTML 155Page - Renesas Technology Corp M30620ECFS Datasheet HTML 156Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 621 page
background image
Clock asynchronous serial I/O (UART) mode
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
137
Item
Specification
Transfer data format
• Transfer data 8-bit UART mode (bit 2 through bit 0 of address 037816 = “1012”)
• One stop bit (bit 4 of address 037816 = “0”)
• With the direct format chosen
Set parity to “even” (bit 5 and bit 6 of address 037816 = “1” and “1” respectively)
Set data logic to “direct” (bit 6 of address 037D16 = “0”).
Set transfer format to LSB (bit 7 of address 037C16 = “0”).
• With the inverse format chosen
Set parity to “odd” (bit 5 and bit 6 of address 037816 = “0” and “1” respectively)
Set data logic to “inverse” (bit 6 of address 037D16 = “1”)
Set transfer format to MSB (bit 7 of address 037C16 = “1”)
Transfer clock
• With the internal clock chosen (bit 3 of address 037816 = “0”) : fi / 16 (n + 1) (Note 1) : fi=f1, f8, f32
(Do not set external clock)
Transmission / reception control
_______
_______
• Disable the CTS and RTS function (bit 4 of address 037C16 = “1”)
Other settings
• The sleep mode select function is not available for UART2
• Set transmission interrupt factor to “transmission completed” (bit 4 of address 037D16 = “1”)
Transmission start condition • To start transmission, the following requirements must be met:
- Transmit enable bit (bit 0 of address 037D16) = “1”
- Transmit buffer empty flag (bit 1 of address 037D16) = “0”
Reception start condition
• To start reception, the following requirements must be met:
- Reception enable bit (bit 2 of address 037D16) = “1”
- Detection of a start bit
• When transmitting
When data transmission from the UART2 transfer register is completed
(bit 4 of address 037D16 = “1”)
• When receiving
When data transfer from the UART2 receive register to the UART2 receive
buffer register is completed
Error detection
• Overrun error (see the specifications of clock-asynchronous serial I/O) (Note 2)
• Framing error (see the specifications of clock-asynchronous serial I/O)
• Parity error (see the specifications of clock-asynchronous serial I/O)
- On the reception side, an “L” level is output from the TXD2 pin by use of the parity error
signal output function (bit 7 of address 037D16 = “1”) when a parity error is detected
- On the transmission side, a parity error is detected by the level of input to
the RXD2 pin when a transmission interrupt occurs
• The error sum flag (see the specifications of clock-asynchronous serial I/O)
(3) Clock-asynchronous serial I/O mode (used for the SIM interface)
The SIM interface is used for connecting the microcomputer with a memory card or the like; adding some
extra settings in UART2 clock-asynchronous serial I/O mode allows the user to effect this function. Table
1.19.8 shows the specifications of clock-asynchronous serial I/O mode (used for the SIM interface).
Interrupt request
generation timing
Note 1: ‘n’ denotes the value 0016 to FF16 that is set to the UARTi bit rate generator.
Note 2: If an overrun error occurs, the UART2 receive buffer will have the next data written in. Note also
that the UARTi receive interrupt request bit is not set to “1”.
Table 1.19.8. Specifications of clock-asynchronous serial I/O mode (used for the SIM interface)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com