Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 153 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 153 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 149Page - Renesas Technology Corp M30620ECFS Datasheet HTML 150Page - Renesas Technology Corp M30620ECFS Datasheet HTML 151Page - Renesas Technology Corp M30620ECFS Datasheet HTML 152Page - Renesas Technology Corp M30620ECFS Datasheet HTML 153Page - Renesas Technology Corp M30620ECFS Datasheet HTML 154Page - Renesas Technology Corp M30620ECFS Datasheet HTML 155Page - Renesas Technology Corp M30620ECFS Datasheet HTML 156Page - Renesas Technology Corp M30620ECFS Datasheet HTML 157Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 621 page
background image
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Clock asynchronous serial I/O (UART) mode
138
Figure 1.19.22. Typical transmit/receive timing in UART mode (used for the SIM interface)
Transmit enable
bit(TE)
Transmit buffer
empty flag(TI)
Transmit register
empty flag (TXEPT)
D0 D1
D2 D3 D4 D5 D6 D7
ST
P
Start
bit
Parity
bit
The above timing applies to the following settings :
• Parity is enabled.
• One stop bit.
• Transmit interrupt cause select bit = “1”.
“0”
“1”
“0”
“1”
“0”
“1”
Tc = 16 (n + 1) / fi
fi : frequency of BRG2 count source (f1, f8, f32)
n : value set to BRG2
Transmit interrupt
request bit (IR)
“0”
“1”
D0 D1
D2 D3 D4 D5 D6 D7
ST
P
Shown in ( ) are bit symbols.
Tc
Transfer clock
SP
Stop
bit
Data is set in UART2 transmit buffer register
SP
A “L” level returns from TxD2 due to
the occurrence of a parity error.
The level is detected by the
interrupt routine.
The level is
detected by the
interrupt routine.
Receive enable
bit (RE)
Receive complete
flag (RI)
D0 D1
D2 D3 D4 D5 D6 D7
ST
P
Start
bit
Parity
bit
RxD2
The above timing applies to the following settings :
• Parity is enabled.
• One stop bit.
• Transmit interrupt cause select bit = “0”.
“0”
“1”
“0”
“1”
Tc = 16 (n + 1) / fi
fi : frequency of BRG2 count source (f1, f8, f32)
n : value set to BRG2
Receive interrupt
request bit (IR)
“0”
“1”
D0 D1
D2 D3 D4 D5 D6 D7
ST
P
SP
Shown in ( ) are bit symbols.
Tc
Transfer clock
SP
Stop
bit
A “L” level returns from TxD2 due to
the occurrence of a parity error.
TxD2
Read to receive buffer
Read to receive buffer
D0 D1 D2 D3 D4 D5 D6 D7
ST
P
Signal conductor level
(Note)
D0 D1
D2 D3 D4 D5 D6 D7
ST
P
SP
SP
D0 D1
D2 D3 D4 D5 D6 D7
ST
P
D0 D1
D2 D3
D4 D5 D6
D7
ST
P
SP
SP
TxD2
RxD2
Signal conductor level
(Note 2)
Note: Equal in waveform because TxD2 and RxD2 are connected.
Transferred from UART2 transmit buffer register to UART2 transmit register
Cleared to “0” when interrupt request is accepted, or cleared by software
Cleared to “0” when interrupt request is accepted, or cleared by software
Note 1: The transmit is started with overflow timing of BRG after having written in a value at the transmit buffer in the above timing.
Note 2: Equal in waveform because TxD2 and RxD2 are connected.
Note 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com