Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 150 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 150 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 146Page - Renesas Technology Corp M30620ECFS Datasheet HTML 147Page - Renesas Technology Corp M30620ECFS Datasheet HTML 148Page - Renesas Technology Corp M30620ECFS Datasheet HTML 149Page - Renesas Technology Corp M30620ECFS Datasheet HTML 150Page - Renesas Technology Corp M30620ECFS Datasheet HTML 151Page - Renesas Technology Corp M30620ECFS Datasheet HTML 152Page - Renesas Technology Corp M30620ECFS Datasheet HTML 153Page - Renesas Technology Corp M30620ECFS Datasheet HTML 154Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 621 page
background image
Clock asynchronous serial I/O (UART) mode
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
135
• Example of receive timing when transfer data is 8 bits long (parity disabled, one stop bit)
Figure 1.19.18. Typical receive timing in UART mode
_______ _______
(a) Separate CTS/RTS pins function (UART0)
_______ _______
_______
Setting the CTS/RTS separate bit (bit 6 of address 03B016) to "1" inputs/outputs the CTS signal and
_______
_______
_______
_______ _______
RTS signal from different pins. Choose which to use, CTS or RTS, by use of the CTS/RTS function
select bit (bit 2 of address 03A416). This function is effective in UART0 only. With this function cho-
_______ _______
_______ _______
sen, the user cannot use the CTS/RTS function. Set "0" both to the CTS/RTS function select bit (bit
_______ _______
2 of address 03AC16) and to the CTS/RTS disable bit (bit 4 of address 03AC16).
(b) Sleep mode (UART0, UART1)
This mode is used to transfer data between specific microcomputers among multiple microcomputers
connected using UARTi. The sleep mode is selected when the sleep select bit (bit 7 at addresses
03A016, 03A816) is set to “1” during reception. In this mode, the unit performs receive operation when
the MSB of the received data = “1” and does not perform receive operation when the MSB = “0”.
D0
Start bit
Sampled “L”
Receive data taken in
BRGi count
source
Receive enable bit
RxDi
Transfer clock
Receive
complete flag
RTSi
Stop bit
“1”
“0”
“0”
“1”
“H”
“L”
The above timing applies to the following settings :
•Parity is disabled.
•One stop bit.
•RTS function is selected.
Receive interrupt
request bit
“0”
“1”
Transferred from UARTi receive register to
UARTi receive buffer register
Reception triggered when transfer clock
is generated by falling edge of start bit
D7
D1
Cleared to “0” when interrupt request is accepted, or cleared by software
_______ _______
Figure 1.19.19. The separate CTS/RTS pins function usage
Microcomputer
TXD0 (P63)
RXD0 (P62)
IN
OUT
CTS
RTS
CTS0 (P64)
RTS0 (P60)
IC
Note : The user cannot use CTS and RTS at the same time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com