Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 148 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 148 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 144Page - Renesas Technology Corp M30620ECFS Datasheet HTML 145Page - Renesas Technology Corp M30620ECFS Datasheet HTML 146Page - Renesas Technology Corp M30620ECFS Datasheet HTML 147Page - Renesas Technology Corp M30620ECFS Datasheet HTML 148Page - Renesas Technology Corp M30620ECFS Datasheet HTML 149Page - Renesas Technology Corp M30620ECFS Datasheet HTML 150Page - Renesas Technology Corp M30620ECFS Datasheet HTML 151Page - Renesas Technology Corp M30620ECFS Datasheet HTML 152Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 621 page
background image
Clock asynchronous serial I/O (UART) mode
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
133
Transmit enable
bit(TE)
Transmit buffer
empty flag(TI)
Transmit register
empty flag (TXEPT)
Start
bit
Parity
bit
TxDi
CTSi
The above timing applies to the following settings :
• Parity is enabled.
• One stop bit.
• CTS function is selected.
• Transmit interrupt cause select bit = “1”.
“1”
“0”
“1”
“L”
“H”
“0”
“1”
Tc = 16 (n + 1) / fi or 16 (n + 1) / fEXT
fi : frequency of BRGi count source (f1, f8, f32)
fEXT : frequency of BRGi count source (external clock)
n : value set to BRGi
Transmit interrupt
request bit (IR)
“0”
“1”
Cleared to “0” when interrupt request is accepted, or cleared by software
Transmit enable
bit(TE)
Transmit buffer
empty flag(TI)
TxDi
Transmit register
empty flag (TXEPT)
“0”
“1”
“0”
“1”
“0”
“1”
The above timing applies to the following settings :
• Parity is disabled.
• Two stop bits.
• CTS function is disabled.
• Transmit interrupt cause select bit = “0”.
Transfer clock
Tc
Tc = 16 (n + 1) / fi or 16 (n + 1) / fEXT
fi : frequency of BRGi count source (f1, f8, f32)
fEXT : frequency of BRGi count source (external clock)
n : value set to BRGi
Transmit interrupt
request bit (IR)
“0”
“1”
Shown in ( ) are bit symbols.
Shown in ( ) are bit symbols.
Tc
Transfer clock
D0 D1
D2 D3 D4 D5 D6 D7
ST
P
D0 D1 D2 D3
D4 D5 D6
D7
SP
ST
P
SP
D0 D1
ST
Stopped pulsing because transmit enable bit = “0”
Stop
bit
Transferred from UARTi transmit buffer register to UARTi transmit register
Start
bit
The transfer clock stops momentarily as CTS is “H” when the stop bit is checked.
The transfer clock starts as the transfer starts immediately CTS changes to “L”.
Data is set in UARTi transmit buffer register
D0 D1 D2 D3 D4 D5 D6 D7
ST
SP
D8
D0 D1 D2 D3 D4 D5 D6 D7
ST
D8
D0 D1
ST
SPSP
Transferred from UARTi transmit buffer register to UARTi transmit register
Stop
bit
Stop
bit
Data is set in UARTi transmit buffer register.
“0”
SP
Cleared to “0” when interrupt request is accepted, or cleared by software
• Example of transmit timing when transfer data is 8 bits long (parity enabled, one stop bit)
• Example of transmit timing when transfer data is 9 bits long (parity disabled, two stop bits)
Figure 1.19.16. Typical transmit timings in UART mode(UART0,UART1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com