Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 144 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 144 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 140Page - Renesas Technology Corp M30620ECFS Datasheet HTML 141Page - Renesas Technology Corp M30620ECFS Datasheet HTML 142Page - Renesas Technology Corp M30620ECFS Datasheet HTML 143Page - Renesas Technology Corp M30620ECFS Datasheet HTML 144Page - Renesas Technology Corp M30620ECFS Datasheet HTML 145Page - Renesas Technology Corp M30620ECFS Datasheet HTML 146Page - Renesas Technology Corp M30620ECFS Datasheet HTML 147Page - Renesas Technology Corp M30620ECFS Datasheet HTML 148Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 621 page
background image
Clock asynchronous serial I/O (UART) mode
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
129
Item
Specification
Transfer data format
• Character bit (transfer data): 7 bits, 8 bits, or 9 bits as selected
• Start bit: 1 bit
• Parity bit: Odd, even, or nothing as selected
• Stop bit: 1 bit or 2 bits as selected
Transfer clock
• When internal clock is selected (bit 3 at addresses 03A016, 03A816, 037816 = “0”) :
fi/16(n+1) (Note 1) fi = f1, f8, f32
• When external clock is selected (bit 3 at addresses 03A016, 03A816 =“1”) :
fEXT/16(n+1) (Note 1) (Note 2) (Do not set external clock for UART2)
Transmission/reception control
_______
_______
_______
_______
• CTS function/RTS function/CTS, RTS function chosen to be invalid
Transmission start condition
• To start transmission, the following requirements must be met:
- Transmit enable bit (bit 0 at addresses 03A516, 03AD16, 037D16) = “1”
- Transmit buffer empty flag (bit 1 at addresses 03A516, 03AD16, 037D16) = “0”
_______
_______
- When CTS function selected, CTS input level = “L”
Reception start condition
• To start reception, the following requirements must be met:
- Receive enable bit (bit 2 at addresses 03A516, 03AD16, 037D16) = “1”
- Start bit detection
Interrupt request
• When transmitting
generation timing
- Transmit interrupt cause select bits (bits 0,1 at address 03B016, bit4 at
address 037D16) = “0”: Interrupts requested when data transfer from UARTi
transfer buffer register to UARTi transmit register is completed
- Transmit interrupt cause select bits (bits 0, 1 at address 03B016, bit4 at
address 037D16) = “1”: Interrupts requested when data transmission from
UARTi transfer register is completed
•
When receiving
- Interrupts requested when data transfer from UARTi receive register to
UARTi receive buffer register is completed
Error detection
• Overrun error (Note 3)
This error occurs when the next data is ready before contents of UARTi
receive buffer register are read out
• Framing error
This error occurs when the number of stop bits set is not detected
• Parity error
This error occurs when if parity is enabled, the number of 1’s in parity and
character bits does not match the number of 1’s set
• Error sum flag
This flag is set (= 1) when any of the overrun, framing, and parity errors is
encountered
(2) Clock asynchronous serial I/O (UART) mode
The UART mode allows transmitting and receiving data after setting the desired transfer rate and transfer
data format. Tables 1.19.5 and 1.19.6 list the specifications of the UART mode. Figure 1.19.15 shows
the UARTi transmit/receive mode register.
Table 1.19.5. Specifications of UART Mode (1)
Note 1: ‘n’ denotes the value 0016 to FF16 that is set to the UARTi bit rate generator.
Note 2: fEXT is input from the CLKi pin.
Note 3: If an overrun error occurs, the UARTi receive buffer will have the next data written in. Note also that
the UARTi receive interrupt request bit is not set to “1”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com