Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 198 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 198 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 194Page - Renesas Technology Corp M30620ECFS Datasheet HTML 195Page - Renesas Technology Corp M30620ECFS Datasheet HTML 196Page - Renesas Technology Corp M30620ECFS Datasheet HTML 197Page - Renesas Technology Corp M30620ECFS Datasheet HTML 198Page - Renesas Technology Corp M30620ECFS Datasheet HTML 199Page - Renesas Technology Corp M30620ECFS Datasheet HTML 200Page - Renesas Technology Corp M30620ECFS Datasheet HTML 201Page - Renesas Technology Corp M30620ECFS Datasheet HTML 202Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 621 page
background image
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Electrical characteristics
183
Note 1: The mean output current is the mean value within 100ms.
Note 2: The total IOL (peak) for ports P0, P1, P2, P86, P87, P9, and P10 must be 80mA max. The total IOH (peak) for ports P0, P1,
P2, P86, P87, P9, and P10 must be 80mA max. The total IOL (peak) for ports P3, P4, P5, P6, P7, and P80 to P84 must be
80mA max. The total IOH (peak) for ports P3, P4, P5, P6, P72 to P77, and P80 to P84 must be 80mA max.
Note 3: Specify a product of -40
°C to 85°C to use it.
Note 4: Relationship between main clock oscillation frequency and supply voltage.
Table 1.26.2. Recommended operating conditions (referenced to VCC = 2.7V to 5.5V at Ta = – 20oC
to 85oC / – 40oC to 85oC(Note3) unless otherwise specified)
Main clock input oscillation frequency
(Mask ROM version, Flash memory 5V version,
No wait)
16.0
5.0
0.0
2.7
4.2
5.5
Supply voltage
[V]
(BCLK: no division)
7.33 X VCC - 14.791MHZ
Main clock input oscillation frequency
(EPROM version, One-time PROM
version, No wait)
16.0
3.5
0.0
2.7
4.5
5.5
Supply voltage
[V]
(BCLK: no division)
6.95 X VCC - 15.275MHZ
Main clock input oscillation frequency
(EPROM version, One-time PROM
version, With wait)
16.0
7.0
0.0
2.7
4.5
5.5
Supply voltage
[V]
(BCLK: no division)
5 X VCC - 6.5MHZ
Main clock input oscillation frequency
(Mask ROM version, Flash memory 5V
version, With wait)
16.0
10.0
0.0
2.7
4.2
5.5
Supply voltage
[V]
(BCLK: no division)
4 X VCC - 0.8MHZ
2.7
5.5
Vcc
5.0
Vcc
AVcc
V
V
0
0
VIH
I OH (avg)
mA
mA
Vss
AVss
0.8Vcc
V
V
V
V
V
V
V
0.8Vcc
0.5Vcc
Vcc
Vcc
Vcc
0.2Vcc
0.2Vcc
0
0
0
(data input function during memory expansion and microprocessor modes)
0.16Vcc
I OH (peak)
P72 to P77, P80 to P87, P90 to P97, P100 to P107,
-5.0
-10.0
P00 to P07, P10 to P17, P20 to P27, P30 (during single-chip mode)
P00 to P07, P10 to P17, P20 to P27, P30
P00 to P07, P10 to P17, P20 to P27,P30 to P37,
P40 to P47, P50 to P57, P60 to P67,P72 to P77,
P80 to P84,P86,P87,P90 to P97,P100 to P107
P31 to P37, P40 to P47, P50 to P57, P60 to P67,
10.0
5.0
mA
f (XIN)
MHz
I OL (peak)
mA
I OL (avg)
16
f (XcIN)
kHz
50
32.768
V
XIN, RESET, CNVSS, BYTE
P70 to P77, P80 to P87, P90 to P97, P100 to P107,
P31 to P37, P40 to P47, P50 to P57, P60 to P67,
XIN, RESET, CNVSS, BYTE
(data input function during memory expansion and microprocessor modes)
P00 to P07, P10 to P17, P20 to P27, P30 (during single-chip mode)
P00 to P07, P10 to P17, P20 to P27, P30
P00 to P07, P10 to P17, P20 to P27,P30 to P37,
P40 to P47, P50 to P57, P60 to P67,P72 to P77,
P80 to P84,P86,P87,P90 to P97,P100 to P107
P00 to P07, P10 to P17, P20 to P27,P30 to P37,
P40 to P47, P50 to P57, P60 to P67,P70 to P77,
P80 to P84,P86,P87,P90 to P97,P100 to P107
P00 to P07, P10 to P17, P20 to P27,P30 to P37,
P40 to P47, P50 to P57, P60 to P67,P70 to P77,
P80 to P84,P86,P87,P90 to P97,P100 to P107
Vcc=4.5V to 5.5V
Vcc=2.7V to 4.5V
MHz
P70 ,
0.8Vcc
6.5
V
P71
VIL
Vcc=4.5V to 5.5V
Vcc=2.7V to 4.5V
MHz
MHz
0
0
0
0
6.95 X Vcc
-15.275
16
5X Vcc
-6.5
Mask ROM version,
Flash memory 5V
version (Note 5)
EPROM version,
One time PROM
version
7.33 X Vcc
-14.791
4 X Vcc
-0.8
Vcc=4.2V to 5.5V
Vcc=2.7V to 4.2V
Vcc=4.2V to 5.5V
Vcc=2.7V to 4.2V
0
0
0
0
MHz
MHz
MHz
MHz
16
16
Symbol
Parameter
Unit
Standard
Min
Typ.
Max.
Supply voltage
Analog supply voltage
Supply voltage
Analog supply voltage
HIGH input
voltage
LOW input
voltage
HIGH peak output
current
HIGH average output
current
LOW peak output
current
LOW average
output current
Main clock input
oscillation frequency
Subclock oscillation frequency
With wait
No wait
Mask ROM version,
Flash memory 5V
version (Note 5)
EPROM version,
One time PROM
version
Note 5: Execute case without wait, program / erase of flash memory by VCC=4.2V to 5.5V and f(BCLK)
≤ 6.25 MHz. Execute case
with wait, program / erase of flash memory by VCC=4.2V to 5.5V and f(BCLK)
≤ 12.5 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com