Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 201 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 201 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 197Page - Renesas Technology Corp M30620ECFS Datasheet HTML 198Page - Renesas Technology Corp M30620ECFS Datasheet HTML 199Page - Renesas Technology Corp M30620ECFS Datasheet HTML 200Page - Renesas Technology Corp M30620ECFS Datasheet HTML 201Page - Renesas Technology Corp M30620ECFS Datasheet HTML 202Page - Renesas Technology Corp M30620ECFS Datasheet HTML 203Page - Renesas Technology Corp M30620ECFS Datasheet HTML 204Page - Renesas Technology Corp M30620ECFS Datasheet HTML 205Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 621 page
background image
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Timing (VCC=5V)
186
Timing requirements (referenced to VCC = 5V, VSS = 0V at Ta = 25oC unless otherwise specified)
Table 1.26.6. External clock input
f(BCLK) X 2
(Note)
(Note)
(Note)
40
30
0
0
40
0
Note: Calculated according to the BCLK frequency as follows:
40
Max.
External clock rise time
ns
tr
Min.
External clock input cycle time
External clock input HIGH pulse width
External clock input LOW pulse width
External clock fall time
ns
ns
ns
ns
tc
tw(H)
tw(L)
tf
Parameter
Symbol
Unit
Standard
15
62.5
25
25
15
Min.
Data input setup time
ns
tsu(DB-RD)
tsu(RDY-BCLK )
Parameter
Symbol
Unit
Max.
Standard
ns
RDY input setup time
Data input hold time
ns
th(RD-DB)
th(BCLK -RDY)
ns
RDY input hold time
ns
HOLD input setup time
tsu(HOLD-BCLK )
ns
HOLD input hold time
th(BCLK-HOLD )
Data input access time (no wait)
ns
tac1(RD-DB)
ns
ns
tac2(RD-DB)
tac3(RD-DB)
Data input access time (with wait)
Data input access time (when accessing multiplex bus area)
ns
td(BCLK-HLDA )
HLDA output delay time
tac1(RD – DB) =
f(BCLK) X 2
– 45
10 9
[ns]
tac2(RD – DB) =
f(BCLK) X 2
– 45
3 X 10
9
[ns]
tac3(RD – DB) =
– 45
3 X 10
9
[ns]
Table 1.26.7. Memory expansion and microprocessor modes
VCC = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com