Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 202 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 202 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 198Page - Renesas Technology Corp M30620ECFS Datasheet HTML 199Page - Renesas Technology Corp M30620ECFS Datasheet HTML 200Page - Renesas Technology Corp M30620ECFS Datasheet HTML 201Page - Renesas Technology Corp M30620ECFS Datasheet HTML 202Page - Renesas Technology Corp M30620ECFS Datasheet HTML 203Page - Renesas Technology Corp M30620ECFS Datasheet HTML 204Page - Renesas Technology Corp M30620ECFS Datasheet HTML 205Page - Renesas Technology Corp M30620ECFS Datasheet HTML 206Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 621 page
background image
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Timing (VCC=5V)
187
Standard
Max.
ns
TAiIN input LOW pulse width
tw(TAL)
Min.
ns
ns
Unit
Standard
Max.
Min.
ns
ns
ns
Unit
Standard
Max.
Min.
ns
ns
ns
Unit
Standard
Max.
Min.
ns
ns
Unit
Standard
Max.
Min.
ns
ns
ns
Unit
ns
ns
TAiIN input HIGH pulse width
tw(TAH)
Parameter
Symbol
TAiIN input cycle time
TAiIN input HIGH pulse width
TAiIN input LOW pulse width
tc(TA)
tw(TAH)
tw(TAL)
Symbol
Parameter
TAiIN input cycle time
TAiIN input HIGH pulse width
TAiIN input LOW pulse width
tc(TA)
tw(TAH)
tw(TAL)
Symbol
Parameter
tw(TAH)
tw(TAL)
Symbol
Parameter
TAiIN input HIGH pulse width
TAiIN input LOW pulse width
Symbol
Parameter
tc(TA)
TAiIN input cycle time
TAiOUT input cycle time
TAiOUT input HIGH pulse width
TAiOUT input LOW pulse width
TAiOUT input setup time
TAiOUT input hold time
tc(UP)
tw(UPH)
tw(UPL)
tsu(UP-TIN)
th(TIN-UP)
40
100
40
400
200
200
200
100
100
100
100
2000
1000
1000
400
400
Timing requirements (referenced to VCC = 5V, VSS = 0V at Ta = 25oC unless otherwise specified)
Table 1.26.8. Timer A input (counter input in event counter mode)
Table 1.26.9. Timer A input (gating input in timer mode)
Table 1.26.10. Timer A input (external trigger input in one-shot timer mode)
Table 1.26.11. Timer A input (external trigger input in pulse width modulation mode)
Table 1.26.12. Timer A input (up/down input in event counter mode)
VCC = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com