Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 203 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 203 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 199Page - Renesas Technology Corp M30620ECFS Datasheet HTML 200Page - Renesas Technology Corp M30620ECFS Datasheet HTML 201Page - Renesas Technology Corp M30620ECFS Datasheet HTML 202Page - Renesas Technology Corp M30620ECFS Datasheet HTML 203Page - Renesas Technology Corp M30620ECFS Datasheet HTML 204Page - Renesas Technology Corp M30620ECFS Datasheet HTML 205Page - Renesas Technology Corp M30620ECFS Datasheet HTML 206Page - Renesas Technology Corp M30620ECFS Datasheet HTML 207Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 621 page
background image
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Timing (VCC=5V)
188
Timing requirements (referenced to VCC = 5V, VSS = 0V at Ta = 25oC unless otherwise specified)
Table 1.26.13. Timer B input (counter input in event counter mode)
ns
ns
ns
ns
ns
ns
ns
Standard
Max.
Min.
TBiIN input cycle time (counted on one edge)
TBiIN input HIGH pulse width (counted on one edge)
TBiIN input LOW pulse width (counted on one edge)
ns
ns
ns
tc(TB)
tw(TBH)
tw(TBL)
Parameter
Symbol
Unit
tc(TB)
tw(TBL)
tw(TBH)
ns
ns
ns
TBiIN input HIGH pulse width (counted on both edges)
TBiIN input LOW pulse width (counted on both edges)
TBiIN input cycle time (counted on both edges)
Standard
Max.
Min.
ns
ns
tc(TB)
tw(TBH)
Symbol
Parameter
Unit
tw(TBL)
ns
TBiIN input HIGH pulse width
TBiIN input cycle time
TBiIN input LOW pulse width
Standard
Max.
Min.
ns
ns
tc(TB)
Symbol
Parameter
Unit
tw(TBL)
ns
tw(TBH)
TBiIN input cycle time
TBiIN input HIGH pulse width
TBiIN input LOW pulse width
Standard
Max.
Min.
ns
ns
tc(AD)
tw(ADL)
Symbol
Parameter
Unit
ADTRG input cycle time (trigger able minimum)
ADTRG input LOW pulse width
Standard
Max.
Min.
ns
ns
tw(INH)
tw(INL)
Symbol
Parameter
Unit
INTi input LOW pulse width
INTi input HIGH pulse width
Standard
Max.
Min.
CLKi input cycle time
CLKi input HIGH pulse width
CLKi input LOW pulse width
tc(CK)
tw(CKH)
tw(CKL)
Parameter
Symbol
Unit
td(C-Q)
tsu(D-C)
th(C-Q)
TxDi hold time
RxDi input setup time
TxDi output delay time
th(C-D)
RxDi input hold time
100
40
40
80
80
200
400
200
200
400
200
200
1000
125
250
250
200
100
100
0
30
90
80
Table 1.26.14. Timer B input (pulse period measurement mode)
Table 1.26.15. Timer B input (pulse width measurement mode)
Table 1.26.16. A-D trigger input
Table 1.26.17. Serial I/O
_______
Table 1.26.18. External interrupt INTi inputs
VCC = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com