Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 309 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 309 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 305Page - Renesas Technology Corp M30620ECFS Datasheet HTML 306Page - Renesas Technology Corp M30620ECFS Datasheet HTML 307Page - Renesas Technology Corp M30620ECFS Datasheet HTML 308Page - Renesas Technology Corp M30620ECFS Datasheet HTML 309Page - Renesas Technology Corp M30620ECFS Datasheet HTML 310Page - Renesas Technology Corp M30620ECFS Datasheet HTML 311Page - Renesas Technology Corp M30620ECFS Datasheet HTML 312Page - Renesas Technology Corp M30620ECFS Datasheet HTML 313Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 309 / 621 page
background image
Timer A
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
294
Figure 2.2.14. Operation timing of event counter mode, free run type selected
2.2.6 Operation of Timer A (event counter mode, free run type selected)
In event counter mode, choose functions from those listed in Table 2.2.5. Operations of the circled items
are described below. Figure 2.2.14 shows the operation timing, and Figure 2.2.15 shows the set-up
procedure.
Note: j = i – 1, but j = 4 when i = 0
(1) Setting the count start flag to “1” causes the counter to count the falling edges of the count
source.
(2) Even if an underflow occurs, the content of the reload register is not reloaded, but the count
continues. At this time, the timer Ai interrupt request bit goes to “1”.
(3) If switching from an up count to a down count or vice versa while a count is in progress, the
switch takes effect from the next effective edge of the count source.
(4) Even if an overflow occurs, the content of the reload register is not reloaded, but the count
continues. At this time, the timer Ai interrupt request bit goes to “1”.
Item
Item
Set-up
Set-up
Count source
Input signal to TAiIN
(counting falling edges)
Input signal to TAiIN
(counting rising edges)
Timer overflow
(TB2/TAj overflow)
Count operation type
Reload type
Free-run type
Factor for switching
between up and
down
Content of up/down flag
Input signal to TAiOUT
Pulse output function
No pulses output
Pulses output
O
O
O
O
Table 2.2.5. Choosed functions
Operation
FFFF16
n
000016
Time
n = reload register content
(1) Start count
Count start flag
“1”
“0”
Timer Ai interrupt
request bit
“1”
Cleared to “0” when interrupt request is accepted, or cleared by software
“0”
Up/down flag
“1”
“0”
Set to “1” by software
(2) Underflow
(3) Switch count
(4) Overflow
Set to “1” by software



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com