Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 311 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 311 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 307Page - Renesas Technology Corp M30620ECFS Datasheet HTML 308Page - Renesas Technology Corp M30620ECFS Datasheet HTML 309Page - Renesas Technology Corp M30620ECFS Datasheet HTML 310Page - Renesas Technology Corp M30620ECFS Datasheet HTML 311Page - Renesas Technology Corp M30620ECFS Datasheet HTML 312Page - Renesas Technology Corp M30620ECFS Datasheet HTML 313Page - Renesas Technology Corp M30620ECFS Datasheet HTML 314Page - Renesas Technology Corp M30620ECFS Datasheet HTML 315Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 311 / 621 page
background image
Timer A
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
296
Figure 2.2.16. Operation timing of 2-phase pulse signal process in event counter mode, normal mode selected
2.2.7 Operation of timer A (2-phase pulse signal process in event counter mode,
normal mode selected)
In processing 2-phase pulse signals in event counter mode, choose functions from those listed in Table
2.2.6. Operations of the circled items are described below. Figure 2.2.16 shows the operation timing, and
Figure 2.2.17 shows the set-up procedure.
Item
Count operation type
2-phase pulses
process (Note)
Set-up
O
O
Reload type
Free run type
Normal processing
4-multiplication processing
Table 2.2.6. Choosed functions
Note: Timer A3 alone can be selected. Timer A2 is solely used for normal processes, and timer A4 is solely used for 4
multiplication processes.
(1) Setting the count start flag to “1” causes the counter to count effective edges of the count
source.
(2) Even if an underflow occurs, the content of the reload register is not reloaded, but the count
continues. At this time, the timer Ai interrupt request bit goes to “1”.
(3) Even if an overflow occurs, the content of the reload register is not reloaded, but the count
continues. At this time, the timer Ai interrupt request bit goes to “1”.
• The up count or down count conditions are as follows:
If a rising edge is present at the TAiIN pin when the input signal level to the TAiOUT pin is “H”,
an up count is performed.
If a falling edge is present at the TAiIN pin when the input signal level to the TAiOUT pin is “H”,
a down count is performed.
Operation
Note
000016
Count start flag
Timer Ai interrupt
request bit
“1”
“0”
“1”
“0”
FFFF16
TAiOUT
“H”
“L”
“H”
“L”
TAiIN
Set to “1” by software
Cleared to “0” when interrupt request is accepted, or cleared by software
(1) Start count
(2) Underflow
(3) Overflow
Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com