Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 313 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 313 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 309Page - Renesas Technology Corp M30620ECFS Datasheet HTML 310Page - Renesas Technology Corp M30620ECFS Datasheet HTML 311Page - Renesas Technology Corp M30620ECFS Datasheet HTML 312Page - Renesas Technology Corp M30620ECFS Datasheet HTML 313Page - Renesas Technology Corp M30620ECFS Datasheet HTML 314Page - Renesas Technology Corp M30620ECFS Datasheet HTML 315Page - Renesas Technology Corp M30620ECFS Datasheet HTML 316Page - Renesas Technology Corp M30620ECFS Datasheet HTML 317Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 313 / 621 page
background image
Timer A
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
298
Figure 2.2.18. Operation timing of 2-phase pulse signal process in event counter mode, multiply-by-4 mode selected
2.2.8 Operation of timer A (2-phase pulse signal process in event counter mode,
multiply-by-4 mode selected)
In processing 2-phase pulse signals in event counter mode, choose functions from those listed in Table
2.2.7. Operations of the circled items are described below. Figure 2.2.18 shows the operation timing, and
Figure 2.2.19 shows the set-up procedure.
Table 2.2.7. Choosed functions
Item
Item
Set-up
Set-up
Count operation type
Reload type
Free run type
O
Processing 2 phase
pulses (Note)
O
Normal processing
4-multiplication processing
Note: Timer A3 alone can be selected. Timer A2 is solely used for normal processes, and timer A4 is solely used for 4-
multiplication processes.
(1) Setting the count start flag to “1” causes the counter to count effective edges of the count source.
(2) Even if an underflow occurs, the content of the reload register is not reloaded, but the count
continues. At this time, the interrupt request bit goes to “1”.
(3) Even if an overflow occurs, the content of the reload register is not reloaded, but the count
continues. At this time, the interrupt request bit goes to “1”.
• The up count or down count conditions are as follows:
Operation
Note
Up count
Input signal to the
TAiOUT pin
Input signal to the
TAiIN pin
Down
count
Input signal to the
TAiOUT pin
Input signal to the
TAiIN pin
“H” level
“L” level
Rising
Falling
Rising
Falling
“L” level
“H” level
“H” level
“L” level
Rising
Falling
Falling
Rising
“H” level
“L” level
Time
Set to “1” by software
000016
Count start flag
Timer Ai interrupt
request bit
“1”
“0”
“1”
“0”
FFFF16
TAiOUT
“H”
“L”
“H”
“L”
TAiIN
(1) Start count
(2) Underflow
(3) Overflow
Cleared to “0” when interrupt request is accepted, or cleared by software
Table 2.2.8. The up count or down count conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com