Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 330 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 330 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 326Page - Renesas Technology Corp M30620ECFS Datasheet HTML 327Page - Renesas Technology Corp M30620ECFS Datasheet HTML 328Page - Renesas Technology Corp M30620ECFS Datasheet HTML 329Page - Renesas Technology Corp M30620ECFS Datasheet HTML 330Page - Renesas Technology Corp M30620ECFS Datasheet HTML 331Page - Renesas Technology Corp M30620ECFS Datasheet HTML 332Page - Renesas Technology Corp M30620ECFS Datasheet HTML 333Page - Renesas Technology Corp M30620ECFS Datasheet HTML 334Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 330 / 621 page
background image
Timer B
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
315
Symbol
Address
When reset
TABSR
038016
0016
Count start flag
Bit name
Bit symbol
W
R
b7
b6
b5
b4
b3
b2
b1
b0
Timer B2 count start flag
Timer B1 count start flag
Timer B0 count start flag
Timer A4 count start flag
Timer A3 count start flag
Timer A2 count start flag
Timer A1 count start flag
Timer A0 count start flag
0 : Stops counting
1 : Starts counting
TB2S
TB1S
TB0S
TA4S
TA3S
TA2S
TA1S
TA0S
Function
Symbol
Address
When reset
CPSRF
038116
0XXXXXXX2
Clock prescaler reset flag
Bit name
Function
Bit symbol
W
R
b7
b6
b5
b4
b3
b2
b1
b0
Clock prescaler reset flag
0 : No effect
1 : Prescaler is reset
(When read, the value is “0”)
CPSR
Symbol
Address
When reset
TB0
039116, 039016
Indeterminate
TB1
039316, 039216
Indeterminate
TB2
039516, 039416
Indeterminate
TB3
035116, 035016
Indeterminate
TB4
035316, 035216
Indeterminate
TB5
035516, 035416
Indeterminate
b7
b0 b7
b0
(b15)
(b8)
Timer Bi register (Note)
W
R
• Pulse period / pulse width measurement mode
Measures a pulse period or width
• Timer mode
000016 to FFFF16
Counts the timer's period
Function
Values that can be set
• Event counter mode
000016 to FFFF16
Counts external pulses input or a timer overflow
Note: Read and write data in 16-bit units.
Symbol
Address
When reset
TBSR
034016
000XXXXX2
Timer B3, 4, 5 count start flag
Bit name
Bit symbol
W
R
b7
b6
b5
b4
b3
b2
b1
b0
Timer B5 count start flag
Timer B4 count start flag
Timer B3 count start flag
0 : Stops counting
1 : Starts counting
TB5S
TB4S
TB3S
Nothing is assigned.
In an attempt to write to these bits, write “0”. The value, if read, turns
out to be indeterminate.
Function
Nothing is assigned.
In an attempt to write to these bits, write “0”. The value, if read, turns
out to be indeterminate.
Figure 2.3.3. Timer B-related registers (2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com