Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 331 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 331 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 327Page - Renesas Technology Corp M30620ECFS Datasheet HTML 328Page - Renesas Technology Corp M30620ECFS Datasheet HTML 329Page - Renesas Technology Corp M30620ECFS Datasheet HTML 330Page - Renesas Technology Corp M30620ECFS Datasheet HTML 331Page - Renesas Technology Corp M30620ECFS Datasheet HTML 332Page - Renesas Technology Corp M30620ECFS Datasheet HTML 333Page - Renesas Technology Corp M30620ECFS Datasheet HTML 334Page - Renesas Technology Corp M30620ECFS Datasheet HTML 335Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 331 / 621 page
background image
Timer B
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
316
In timer mode, choose functions from those listed in Table 2.3.1. Operations of the circled items are
described below. Figure 2.3.4 shows the operation timing, and Figure 2.3.5 shows the set-up procedure.
2.3.2 Operation of Timer B (timer mode)
Item
Count source
Set-up
O
Internal count source (f1 / f8 / f32 / fc32)
Operation
Table 2.3.1. Choosed functions
(1) Setting the count start flag to “1” causes the counter to perform a down count on the count
source.
(2) If an underflow occurs, the content of the reload register is reloaded, and the counter contin-
ues counting. At this time, the timer Bi interrupt request bit goes to “1”.
(3) Setting the count start flag to “0” causes the counter to hold its value and to stop.
Figure 2.3.4. Operation timing of timer mode
FFFF16
n
000016
Time
Count start flag
Timer Bi interrupt
request bit
“1”
“1”
n = reload register content
Set to “1” by software
“0”
“0”
Set to “1” by software
Cleared to “0” by
software
(2) Underflow
(3) Stop count
(1) Start count
Cleared to “0” when interrupt request is accepted, or cleared by software
Start count
again



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com