Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 335 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 335 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 331Page - Renesas Technology Corp M30620ECFS Datasheet HTML 332Page - Renesas Technology Corp M30620ECFS Datasheet HTML 333Page - Renesas Technology Corp M30620ECFS Datasheet HTML 334Page - Renesas Technology Corp M30620ECFS Datasheet HTML 335Page - Renesas Technology Corp M30620ECFS Datasheet HTML 336Page - Renesas Technology Corp M30620ECFS Datasheet HTML 337Page - Renesas Technology Corp M30620ECFS Datasheet HTML 338Page - Renesas Technology Corp M30620ECFS Datasheet HTML 339Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 335 / 621 page
background image
Timer B
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
320
In pulse period/pulse width measurement mode, choose functions from those listed in Table 2.3.3. Op-
erations of the circled items are described below. Figure 2.3.8 shows the operation timing, and Figure
2.3.9 shows the set-up procedure.
2.3.4 Operation of Timer B (pulse period measurement mode)
Figure 2.3.8. Operation timing of pulse period measurement mode
Item
Set-up
Count source
Internal count source (f1 / f8 / f32 / fc32)
Pulse width measurement (interval between measurement pulse falling edge to rising edge,
and between rising edge to falling edge)
O
Pulse period measurement (interval between measurement pulse falling edge to falling edge)
Pulse period measurement (interval between measurement pulse rising edge to rising edge)
O
Measurement
mode
Table 2.3.3. Choosed functions
Operation
Note
(1) Setting the count start flag to “1” causes the counter to start counting the count source.
(2) If a measurement pulse changes from “H” to “L”, the value of the counter goes to “000016”,
and measurement is started. In this instance, an indeterminate value is transferred to the
reload register. The timer Bi interrupt request does not generate.
(3) If a measurement pulse changes from “H” to “L” again, the value of the counter is transferred
to the reload register, and the timer Bi interrupt request bit goes to “1”. Then the value of the
counter becomes “000016”, and the measurement is started again.
• The timer Bi interrupt request bit goes to “1” when an effective edge of a measurement pulse is
input or timer Bi is overflowed. The factor of interrupt request can be determined by use of the
timer Bi overflow flag within the interrupt routine.
• The value of the counter at the beginning of a count is indeterminate. Thus there can be in-
stances in which the timer Bi overflow flag goes to “1” immediately after a count is performed.
• The timer Bi overflow flag goes to “0” if timer Bi mode register is written to when the count start
flag is “1”. This flag cannot be set to “1” by software.
Count source
Measurement pulse
Count start flag
Timer Bi interrupt
request bit
Timing at which counter
reaches “000016”
“1”
“H”
“1”
Transfer
(indeterminate value)
Reload register
← counter
transfer timing
“L”
“0”
“0”
Timer Bi overflow flag
“1”
“0”
Note 1: Counter is initialized at completion of measurement.
Note 2: Timer has overflowed.
Measurement of pulse time interval from falling edge to falling edge
Transfer
(measured value)
Cleared to “0” when interrupt request is accepted, or cleared by software
(1) Start count
(2) Start measurement
(3) Start measurement again
(Note 1)
(Note 1)
(Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com