Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 338 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 338 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 334Page - Renesas Technology Corp M30620ECFS Datasheet HTML 335Page - Renesas Technology Corp M30620ECFS Datasheet HTML 336Page - Renesas Technology Corp M30620ECFS Datasheet HTML 337Page - Renesas Technology Corp M30620ECFS Datasheet HTML 338Page - Renesas Technology Corp M30620ECFS Datasheet HTML 339Page - Renesas Technology Corp M30620ECFS Datasheet HTML 340Page - Renesas Technology Corp M30620ECFS Datasheet HTML 341Page - Renesas Technology Corp M30620ECFS Datasheet HTML 342Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 338 / 621 page
background image
Timer B
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
323
Figure 2.3.11. Set-up procedure of pulse width measurement mode
Start count
Setting count start flag
Count start flag
[Address 038016]
TABSR
Timer B0 count start flag
Timer B1 count start flag
Timer B2 count start flag
b7
b0
Selecting pulse period / pulse width measurement mode and functions
Fixed to “0” in pulse period/pulse width measurement mode (i = 0, 3)
In an attempt to write to this bit, write “0” (i = 1, 2, 4, 5)
Selection of pulse period / pulse width measurement mode
b7
b0
10
Timer Bi overflow flag
0 : Timer did not overflow
1 : Timer has overflowed
Count source select bit
0 0 : f1
0 1 : f8
1 0 : f32
1 1 : fC32
b7 b6
Measurement mode select bit
1 0 : Pulse width measurement (Interval between measurement pulse falling edge to
rising edge, and between rising edge to falling edge)
b3 b2
0
1
Clearing overflow flag
b7
b0
Timer Bi overflow flag
0 : Timer did not overflow
0
Setting clock prescaler reset flag
(This function is effective when fC32 is selected as the count source. Reset the prescaler for generating fC32 by
dividing the XCIN by 32.)
Clock prescaler reset flag [Address 038116]
CPSRF
Clock prescaler reset flag
0 : No effect
1 : Prescaler is reset (When read, the value is “0”)
b7
b0
Timer Bi mode register (i=0 to 5) [Address 039B16 to 039D16, 035B16 to 035D16]
TBiMR (i=0 to 5)
Count source period
f(XIN) : 16MHZ
f(XcIN) : 32.768kHZ
b7 b6
Count
source
62.5ns
500ns
2µs
976.56µs
00
01
10
11
f1
f8
f32
fC32
Timer B3,4,5 count start
flag
[Address 034016]
TBSR
Timer B3 count start flag
Timer B4 count start flag
Timer B5 count start flag
b7
b0
Timer Bi mode register (i=0 to 5) [Address 039B16 to 039D16, 035B16 to 035D16]
TBiMR (i=0 to 5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com