Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 337 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 337 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 333Page - Renesas Technology Corp M30620ECFS Datasheet HTML 334Page - Renesas Technology Corp M30620ECFS Datasheet HTML 335Page - Renesas Technology Corp M30620ECFS Datasheet HTML 336Page - Renesas Technology Corp M30620ECFS Datasheet HTML 337Page - Renesas Technology Corp M30620ECFS Datasheet HTML 338Page - Renesas Technology Corp M30620ECFS Datasheet HTML 339Page - Renesas Technology Corp M30620ECFS Datasheet HTML 340Page - Renesas Technology Corp M30620ECFS Datasheet HTML 341Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 337 / 621 page
background image
Timer B
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
322
In pulse period/pulse width measurement mode, choose functions from those listed in Table 2.3.4. Op-
erations of the circled items are described below. Figure 2.3.10 shows the operation timing, and Figure
2.3.11 shows the set-up procedure.
2.3.5 Operation of Timer B (pulse width measurement mode)
Figure 2.3.10. Operation timing of pulse width measurement mode
Operation
Note
Item
Set-up
Count source
Internal count source (f1 / f8 / f32 / fc32)
Pulse width measurement (interval between measurement pulse falling edge to rising edge,
and between rising edge to falling edge)
O
Pulse period measurement (interval between measurement pulse falling edge to falling edge)
Pulse period measurement (interval between measurement pulse rising edge to rising edge)
O
Measurement
mode
Table 2.3.4. Choosed functions
(1) Setting the count start flag to “1” causes the counter to start counting the count source.
(2) If an effective edge of a pulse to be measured is input, the value of the counter goes to
“000016”, and measurement is started. In this instance, an indeterminate value is transferred
to the reload register. The timer Bi interrupt request does not generate.
(3) If an effective edge of a pulse to be measured is input again, the value of the counter is
transferred to the reload register, and the timer Bi interrupt request bit goes to “1”. Then the
value of the counter becomes “000016”, and measurement is started again.
• The timer Bi interrupt request bit goes to “1” when an effective edge of a pulse to be measured
is input or timer Bi is overflows. The factor of interrupt request can be determined by use of the
timer Bi overflow flag within the interrupt routine.
• The value of the counter at the beginning of a count is indeterminate. Thus there can be in-
stances in which the timer Bi overflow flag goes to “1” immediately after a count is performed.
• The timer Bi overflow flag goes to “0” if timer Bi mode register is written to when the count start
flag is “1”. This flag cannot be set to “1” by software.
Measurement pulse
“H”
Count source
Reload register
← counter
transfer timing
Count start flag
Timer Bi interrupt request bit
Timing at which counter
reaches “000016”
“1”
“1”
“L”
“0”
“0”
Timer Bi overflow flag
“1”
“0”
Note 1: Counter is initialized at completion of measurement.
Note 2: Timer has overflowed.
(Note 1)
(Note 1)
(Note 1)
(Note 2)
(1) Start count
(2) Start measurement
(3) Start measurement again
Cleared to “0” when interrupt request is accepted, or cleared by software
Transfer
(indeterminate
value)
Transfer(measured value)
(Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com