Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 339 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 339 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 335Page - Renesas Technology Corp M30620ECFS Datasheet HTML 336Page - Renesas Technology Corp M30620ECFS Datasheet HTML 337Page - Renesas Technology Corp M30620ECFS Datasheet HTML 338Page - Renesas Technology Corp M30620ECFS Datasheet HTML 339Page - Renesas Technology Corp M30620ECFS Datasheet HTML 340Page - Renesas Technology Corp M30620ECFS Datasheet HTML 341Page - Renesas Technology Corp M30620ECFS Datasheet HTML 342Page - Renesas Technology Corp M30620ECFS Datasheet HTML 343Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 339 / 621 page
background image
Timer B
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
324
(1) To clear reset, the count start flag is set to “0”. Set a value in the timer Bi register, then set the
flag to “1”.
(2) Reading the timer Bi register while a count is in progress allows reading, with arbitrary timing,
the value of the counter. Reading the timer Bi register with the reload timing shown in Figure
2.3.12 gets “FFFF16”. Reading the timer Bi register after setting a value in the timer Bi regis-
ter with a count halted but before the counter starts counting gets a proper value.
2.3.6 Precautions for Timer B (timer mode, event counter mode)
Figure 2.3.12. Reading timer Bi register
21
0
nn – 1
Counter value (Hex.)
21
0
FFFF
n – 1
Read value (Hex.)
Reload
Time
n = reload register content



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com