Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 332 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 332 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 328Page - Renesas Technology Corp M30620ECFS Datasheet HTML 329Page - Renesas Technology Corp M30620ECFS Datasheet HTML 330Page - Renesas Technology Corp M30620ECFS Datasheet HTML 331Page - Renesas Technology Corp M30620ECFS Datasheet HTML 332Page - Renesas Technology Corp M30620ECFS Datasheet HTML 333Page - Renesas Technology Corp M30620ECFS Datasheet HTML 334Page - Renesas Technology Corp M30620ECFS Datasheet HTML 335Page - Renesas Technology Corp M30620ECFS Datasheet HTML 336Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 332 / 621 page
background image
Timer B
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
317
Figure 2.3.5. Set-up procedure of timer mode
Setting divide ratio
Can be set to 000016 to FFFF16
b7
b0
(b15)
(b8)
b7
b0
Timer B0 register [Address 039116, 039016]TB0
Timer B1 register [Address 039316, 039216]TB1
Timer B2 register [Address 039516, 039416]TB2
Timer B3 register [Address 035116, 035016]TB3
Timer B4 register [Address 035316, 035216]TB4
Timer B5 register [Address 035516, 035416]TB5
Start count
Setting clock prescaler reset flag
(This function is effective when fC32 is selected as the count source. Reset the prescaler for generating fC32 by
dividing the XCIN by 32.)
Clock prescaler reset flag [Address 038116]
CPSRF
Clock prescaler reset flag
0 : No effect
1 : Prescaler is reset (When read, the value is “0”)
b7
b0
Setting count start flag
Count start flag
[Address 038016]
TABSR
Timer B0 count start flag
Timer B1 count start flag
Timer B2 count start flag
b7
b0
Selecting timer mode and functions
Invalid in timer mode
Can be “0” or “1”
Timer Bi mode register (i=0 to 5) [Address 039B16 to 039D16, 035B16 to 035D16]
TBiMR (i=0 to 5)
Fixed to “0” in timer mode ( i = 0, 3)
In an attempt to write to this bit, write “0” (i = 1, 2, 4, 5)
Selection of timer mode
b7
b0
00
Invalid in timer mode
Count source select bit
0 0 : f1
0 1 : f8
1 0 : f32
1 1 : fC32
b7 b6
Count source period
f(XIN) : 16MHZ
f(XcIN) : 32.768kHZ
b7 b6
Count
source
62.5ns
500ns
2µs
976.56µs
00
01
10
11
f1
f8
f32
fC32
Timer B3,4,5 count start
flag
[Address 034016]
TBSR
Timer B3 count start flag
Timer B4 count start flag
Timer B5 count start flag
b7
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com