Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 29Page - Renesas Technology Corp H8/3003 Datasheet HTML 30Page - Renesas Technology Corp H8/3003 Datasheet HTML 31Page - Renesas Technology Corp H8/3003 Datasheet HTML 32Page - Renesas Technology Corp H8/3003 Datasheet HTML 33Page - Renesas Technology Corp H8/3003 Datasheet HTML 34Page - Renesas Technology Corp H8/3003 Datasheet HTML 35Page - Renesas Technology Corp H8/3003 Datasheet HTML 36Page - Renesas Technology Corp H8/3003 Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 715 page
background image
Table 1-3 Pin Functions (cont)
Pin No.
Type
Symbol
QFP-112
I/O
Name and Function
I/O ports
P95 to P90 25 to 20
Input/
Port 9: Six input/output pins. The direction of
output
each pin can be selected in the port 9 data
direction register (P9DDR).
PA7 to PA0 112 to 105 Input/
Port A: Eight input/output pins. The direction of
output
each pin can be selected in the port A data
direction register (PADDR).
PB7 to PB0 9 to 2
Input/
Port B: Eight input/output pins. The direction of
output
each pin can be selected in the port B data
direction register (PBDDR).
PC7 to PC0 18 to 11
Input/
Port C: Eight input/output pins. The direction of
output
each pin can be selected in the port C data
direction register (PCDDR).
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com