Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 80 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 80 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 76Page - Renesas Technology Corp H8/3003 Datasheet HTML 77Page - Renesas Technology Corp H8/3003 Datasheet HTML 78Page - Renesas Technology Corp H8/3003 Datasheet HTML 79Page - Renesas Technology Corp H8/3003 Datasheet HTML 80Page - Renesas Technology Corp H8/3003 Datasheet HTML 81Page - Renesas Technology Corp H8/3003 Datasheet HTML 82Page - Renesas Technology Corp H8/3003 Datasheet HTML 83Page - Renesas Technology Corp H8/3003 Datasheet HTML 84Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 715 page
background image
3.4 Operating Mode Descriptions
3.4.1 Mode 1
Address pins A19 to A0 are enabled, permitting access to a maximum 1-Mbyte address space. The
initial bus mode after a reset is 8 bits, with 8-bit access to all areas. If at least one area is
designated for 16-bit access in ABWCR, the bus mode switches to 16 bits.
3.4.2 Mode 2
Address pins A19 to A0 are enabled, permitting access to a maximum 1-Mbyte address space. The
initial bus mode after a reset is 16 bits, with 16-bit access to all areas. If all areas are designated
for 8-bit access in ABWCR, the bus mode switches to 8 bits.
3.4.3 Mode 3
Address pins A23 to A0 are enabled, permitting access to a maximum 16-Mbyte address space.
The initial bus mode after a reset is 8 bits, with 8-bit access to all areas. If at least one area is
designated for 16-bit access in ABWCR, the bus mode switches to 16 bits.
3.4.4 Mode 4
Address pins A23 to A0 are enabled, permitting access to a maximum 16-Mbyte address space.
The initial bus mode after a reset is 16 bits, with 16-bit access to all areas. If all areas are
designated for 8-bit access in ABWCR, the bus mode switches to 8 bits.
62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com