Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 85 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 81Page - Renesas Technology Corp H8/3003 Datasheet HTML 82Page - Renesas Technology Corp H8/3003 Datasheet HTML 83Page - Renesas Technology Corp H8/3003 Datasheet HTML 84Page - Renesas Technology Corp H8/3003 Datasheet HTML 85Page - Renesas Technology Corp H8/3003 Datasheet HTML 86Page - Renesas Technology Corp H8/3003 Datasheet HTML 87Page - Renesas Technology Corp H8/3003 Datasheet HTML 88Page - Renesas Technology Corp H8/3003 Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 715 page
background image
4.2 Reset
4.2.1 Overview
A reset is the highest-priority exception. When the
RES pin goes low, all processing halts and the
H8/3003 enters the reset state. A reset initializes the internal state of the CPU and the registers of
the on-chip supporting modules. Reset exception handling begins when the
RES pin changes from
low to high.
The H8/3003 can also be reset by overflow of the watchdog timer. For details see section 12,
Watchdog Timer.
4.2.2 Reset Sequence
The H8/3003 enters the reset state when the
RES pin goes low.
To ensure that the H8/3003 is reset, hold the
RES pin low for at least 20 ms at power-up. To reset
the H8/3003 during operation, hold the
RES pin low for at least 10 system clock (ø) cycles. See
appendix D.2, Pin States at Reset, for the states of the pins in the reset state.
When the
RES pin goes high after being held low for the necessary time, the H8/3003 starts reset
exception handling as follows.
•
The internal state of the CPU and the registers of the on-chip supporting modules are
initialized, and the I bit is set to 1 in CCR.
•
The contents of the reset vector address (H'0000 to H'0003) are read, and program execution
starts from the address indicated in the vector address.
Figure 4-2 shows the reset sequence in modes 1 and 3. Figure 4-3 shows the reset sequence in
modes 2 and 4.
67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com