Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 32Page - Renesas Technology Corp H8/3003 Datasheet HTML 33Page - Renesas Technology Corp H8/3003 Datasheet HTML 34Page - Renesas Technology Corp H8/3003 Datasheet HTML 35Page - Renesas Technology Corp H8/3003 Datasheet HTML 36Page - Renesas Technology Corp H8/3003 Datasheet HTML 37Page - Renesas Technology Corp H8/3003 Datasheet HTML 38Page - Renesas Technology Corp H8/3003 Datasheet HTML 39Page - Renesas Technology Corp H8/3003 Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 715 page
background image
•
High-speed operation
— All frequently-used instructions execute in two to four states
— Maximum clock frequency:
16 MHz
— 8/16/32-bit register-register add/subtract: 125 ns
—8
× 8-bit register-register multiply:
875 ns
— 16 ÷ 8-bit register-register divide:
875 ns
— 16
× 16-bit register-register multiply:
1.375 µs
— 32 ÷ 16-bit register-register divide:
1.375 µs
•
Two CPU operating modes
— Normal mode (not available in H8/3003)
— Advanced mode
•
Low-power mode
Transition to power-down state by SLEEP instruction
2.1.2 Differences from H8/300 CPU
In comparison to the H8/300 CPU, the H8/300H has the following enhancements.
•
More general registers
Eight 16-bit registers have been added.
•
Expanded address space
— Advanced mode supports a maximum 16-Mbyte address space.
— Normal mode supports the same 64-kbyte address space as the H8/300 CPU.
•
Enhanced addressing
The addressing modes have been enhanced to make effective use of the 16-Mbyte address
space.
•
Enhanced instructions
— Data transfer, arithmetic, and logic instructions can operate on 32-bit data.
— Signed multiply/divide instructions and other instructions have been added.
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com