Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 20Page - Renesas Technology Corp H8/3003 Datasheet HTML 21Page - Renesas Technology Corp H8/3003 Datasheet HTML 22Page - Renesas Technology Corp H8/3003 Datasheet HTML 23Page - Renesas Technology Corp H8/3003 Datasheet HTML 24Page - Renesas Technology Corp H8/3003 Datasheet HTML 25Page - Renesas Technology Corp H8/3003 Datasheet HTML 26Page - Renesas Technology Corp H8/3003 Datasheet HTML 27Page - Renesas Technology Corp H8/3003 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 715 page
background image
1.3 Pin Description
1.3.1 Pin Arrangement
Figure 1-2 shows the pin arrangement of the H8/3003’s QFP-112 package.
Figure 1-2 Pin Arrangement (QFP-112, Top View)
V
TIOCA3/TP /PB
TIOCB3/TP /PB
TIOCA4/TP /PB
TIOCB4/TP /PB
TOCXA4/TP /PB
TOCXB4/TP /PB
DREQ /TP /PB
ADTRG/DREQ /TP /PB
V
PC
PC
CS /TEND /PC
CS /DREQ /PC
CS /TEND /PC
CS /DREQ /PC
IRQ /PC
IRQ /PC
RESO
TxD /P9
TxD /P9
RxD /P9
RxD /P9
IRQ /SCK /P9
IRQ /SCK /P9
V
D /P4
D /P4
AV
MD
MD
MD
LWR
HWR
RD
AS
V
XTAL
EXTAL
V
NMI
RES
STBY
ø
P6 /BACK
P6 /BREQ
P6 /WAIT
A
A
A
A
A
A
A
A
A
112 111 110 109 108 107 106 105 104 103 102 101 100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29 30 31 32 33 34 35 36 37 38 39 40 41 42 43
45 46 47 48 49 50 51 52 53 54 55 56
44
84
83
82
81
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
CC
0
1
2
3
4
5
6
7
SS
0
1
2
3
4
5
6
7
0
1
2
3
4
5
SS
0
1
8
9
10
11
12
13
14
15
0
1
2
2
3
3
6
7
4
5
6
7
0
1
0
1
0
1
0
1
4
5
CC
2
1
0
CC
SS
2
1
0
19
18
17
16
15
14
13
12
11
Top view
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com