Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 15Page - Renesas Technology Corp H8/3003 Datasheet HTML 16Page - Renesas Technology Corp H8/3003 Datasheet HTML 17Page - Renesas Technology Corp H8/3003 Datasheet HTML 18Page - Renesas Technology Corp H8/3003 Datasheet HTML 19Page - Renesas Technology Corp H8/3003 Datasheet HTML 20Page - Renesas Technology Corp H8/3003 Datasheet HTML 21Page - Renesas Technology Corp H8/3003 Datasheet HTML 22Page - Renesas Technology Corp H8/3003 Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 715 page
background image
Section 1 Overview
1.1 Overview
The H8/3003 is a microcontroller (MCU) that integrates system supporting functions together
with an H8/300H CPU core having an original Hitachi architecture.
The H8/300H CPU has a 32-bit internal architecture with sixteen 16-bit general registers, and a
concise, optimized instruction set designed for speed. It can address a 16-Mbyte linear address
space. Its instruction set is upward-compatible at the object-code level with the H8/300 CPU,
enabling easy porting of software from the H8/300 Series.
The on-chip system supporting functions include RAM, a 16-bit integrated timer unit (ITU), a
programmable timing pattern controller (TPC), a watchdog timer (WDT), a serial communication
interface (SCI), an A/D converter, I/O ports, a direct memory access controller (DMAC), a refresh
controller, and other facilities. Four MCU operating modes offer a choice of data bus width and
address space size.
Table 1-1 summarizes the H8/3003 features.
Table 1-1 Features
Feature
Description
CPU
Upward-compatible with the H8/300 CPU at the object-code level
General-register machine
• Sixteen 16-bit general registers
(also useable as sixteen 8-bit registers or eight 32-bit registers)
High-speed operation
• Maximum clock rate: 16 MHz
• Add/subtract: 125 ns
• Multiply/divide: 875 ns
Two CPU operating modes
• Normal mode (64-kbyte address space, not available in the H8/3003)
• Advanced mode (16-Mbyte address space)
Instruction features
• 8/16/32-bit data transfer, arithmetic, and logic instructions
• Signed and unsigned multiply instructions (8 bits
× 8 bits, 16 bits × 16 bits)
• Signed and unsigned divide instructions (16 bits ÷ 8 bits, 32 bits ÷ 16 bits)
• Bit accumulator function
• Bit manipulation instructions with register-indirect specification of bit positions
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com