Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 26Page - Renesas Technology Corp H8/3003 Datasheet HTML 27Page - Renesas Technology Corp H8/3003 Datasheet HTML 28Page - Renesas Technology Corp H8/3003 Datasheet HTML 29Page - Renesas Technology Corp H8/3003 Datasheet HTML 30Page - Renesas Technology Corp H8/3003 Datasheet HTML 31Page - Renesas Technology Corp H8/3003 Datasheet HTML 32Page - Renesas Technology Corp H8/3003 Datasheet HTML 33Page - Renesas Technology Corp H8/3003 Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 715 page
background image
Table 1-3 Pin Functions (cont)
Pin No.
Type
Symbol
QFP-112
I/O
Name and Function
System control
RES
71
Input
Reset input: When driven low, this pin resets
the H8/3003
RESO
19
Output Reset output: Outputs a reset signal to
external devices
STBY
70
Input
Standby: When driven low, this pin forces
a transition to hardware standby mode
BREQ
67
Input
Bus request: Used by an external bus master
to request the bus right from the H8/3003
BACK
68
Output Bus request acknowledge: Indicates that the
bus has been granted to an external bus
master
Interrupts
NMI
72
Input
Nonmaskable interrupt: Requests a
nonmaskable interrupt
IRQ7 to
18 to 17,
Input
Interrupt request 7 to 0: Maskable interrupt
IRQ0
25 to 24,
request pins
103 to 101
Address bus
A23 to A0
98 to 95,
Output Address bus: Outputs address signals
65 to 54,
52 to 45
Data bus
D15 to D0
43 to 36
Input/
Data bus: Bidirectional data bus
34 to 27
output
Bus control
CS7 to CS0 16 to 13
Output Chip select: Select signals for areas 7 to 0
101 to 104
AS
77
Output Address strobe: Goes low to indicate valid
address output on the address bus
RD
78
Output Read: Goes low to indicate reading from the
external address space
HWR
79
Output High write: Goes low to indicate writing to the
external address space; indicates valid data on
the upper data bus (D15 to D8).
LWR
80
Output Low write: Goes low to indicate writing to the
external address space; indicates valid data on
the lower data bus (D7 to D0).
WAIT
66
Input
Wait: Requests insertion of wait states in bus
cycles during access to the external address
space
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com