Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 331 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 331 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 327Page - Renesas Technology Corp H8/3003 Datasheet HTML 328Page - Renesas Technology Corp H8/3003 Datasheet HTML 329Page - Renesas Technology Corp H8/3003 Datasheet HTML 330Page - Renesas Technology Corp H8/3003 Datasheet HTML 331Page - Renesas Technology Corp H8/3003 Datasheet HTML 332Page - Renesas Technology Corp H8/3003 Datasheet HTML 333Page - Renesas Technology Corp H8/3003 Datasheet HTML 334Page - Renesas Technology Corp H8/3003 Datasheet HTML 335Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 331 / 715 page
background image
Each TSR is an 8-bit readable/writable register containing flags that indicate TCNT overflow or
underflow and GRA or GRB compare match or input capture. These flags are interrupt sources
and generate CPU interrupts if enabled by corresponding bits in the timer interrupt enable register
(TIER).
TSR is initialized to H'F8 by a reset and in standby mode.
Bits 7 to 3—Reserved: Read-only bits, always read as 1.
Bit 2—Overflow Flag (OVF): This status flag indicates TCNT overflow or underflow.
Bit 2
OVF
Description
0
[Clearing condition]
(Initial value)
Read OVF when OVF = 1, then write 0 in OVF
1
[Setting condition]
TCNT overflowed from H'FFFF to H'0000, or underflowed from H'0000 to H'FFFF*
Notes: * TCNT underflow occurs when TCNT operates as an up/down-counter. Underflow occurs
only under the following conditions:
1. Channel 2 operates in phase counting mode (MDF = 1 in TMDR)
2. Channels 3 and 4 operate in complementary PWM mode (CMD1 = 1 and CMD0 = 0 in
TFCR)
Bit
Initial value
Read/Write
7
—
1
—
6
—
1
—
5
—
1
—
4
—
1
—
3
—
1
—
*
2
OVF
0
R/(W)
Reserved bits
Note:
Only 0 can be written, to clear the flag.
*
*
1
IMFB
0
R/(W)
*
0
IMFA
0
R/(W)
Overflow flag
Status flag indicating
overflow or underflow
Input capture/compare match flag B
Status flag indicating GRB compare
match or input capture
Input capture/compare match flag A
Status flag indicating GRA compare
match or input capture
313



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com