Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 352 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 352 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 348Page - Renesas Technology Corp H8/3003 Datasheet HTML 349Page - Renesas Technology Corp H8/3003 Datasheet HTML 350Page - Renesas Technology Corp H8/3003 Datasheet HTML 351Page - Renesas Technology Corp H8/3003 Datasheet HTML 352Page - Renesas Technology Corp H8/3003 Datasheet HTML 353Page - Renesas Technology Corp H8/3003 Datasheet HTML 354Page - Renesas Technology Corp H8/3003 Datasheet HTML 355Page - Renesas Technology Corp H8/3003 Datasheet HTML 356Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 352 / 715 page
background image
10.4.4 PWM Mode
In PWM mode GRA and GRB are paired and a PWM waveform is output from the TIOCA pin.
GRA specifies the time at which the PWM output changes to 1. GRB specifies the time at which
the PWM output changes to 0. If either GRA or GRB is selected as the counter clear source, a
PWM waveform with a duty cycle from 0% to 100% is output at the TIOCA pin. PWM mode can
be selected in all channels (0 to 4).
Table 10-4 summarizes the PWM output pins and corresponding registers. If the same value is set
in GRA and GRB, the output does not change when compare match occurs.
Table 10-4 PWM Output Pins and Registers
Channel
Output Pin
1 Output
0 Output
0
TIOCA0
GRA0
GRB0
1
TIOCA1
GRA1
GRB1
2
TIOCA2
GRA2
GRB2
3
TIOCA3
GRA3
GRB3
4
TIOCA4
GRA4
GRB4
334



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com